Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPS50U100CR Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS50U100CR
Description  Ultralow forward voltage power Schottky rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS50U100CR Datasheet(HTML) 3 Page - STMicroelectronics

  STPS50U100CR Datasheet HTML 1Page - STMicroelectronics STPS50U100CR Datasheet HTML 2Page - STMicroelectronics STPS50U100CR Datasheet HTML 3Page - STMicroelectronics STPS50U100CR Datasheet HTML 4Page - STMicroelectronics STPS50U100CR Datasheet HTML 5Page - STMicroelectronics STPS50U100CR Datasheet HTML 6Page - STMicroelectronics STPS50U100CR Datasheet HTML 7Page - STMicroelectronics STPS50U100CR Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
STPS50U100C
Characteristics
Doc ID 16603 Rev 1
3/8
Figure 1.
Average forward power dissipation
versus average forward current
(per diode)
Figure 2.
Non repetitive surge peak forward
current versus overload duration
(maximum values, per diode)
0
4
8
12
16
20
24
28
0
5
10
15
20
25
30
35
δ = 0.05 δ = 0.1 δ = 0.2
δ = 0.5
δ = 1
T
δ = tp /T
tp
T
δ = tp /T
tp
IF(AV)(A)
PF(AV)(W)
0
25
50
75
100
125
150
175
200
225
250
1.E-03
1.E-02
1.E-01
1.E+00
IM
t
δ = 0.5
IM(A)
t(s)
T = 25 °C
c
T = 75 °C
c
T = 125 °C
c
Figure 3.
Reverse leakage current versus
reverse voltage applied (typical
values, per diode)
Figure 4.
Average forward current versus
ambient temperature
(
δ = 0.5, per diode)
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
0
10
203040
50
60708090
100
IR(mA)
Tj = 25 °C
Tj = 50 °C
Tj = 75 °C
Tj = 125 °C
Tj = 150 °C
Tj = 100 °C
VR(V)
0
5
10
15
20
25
30
0
25
50
75
100
125
150
T
δ = tp /T
tp
IF(AV)(A)
Tamb(°C)
Rth(j-a) = Rth(j-c)
Figure 5.
Relative variation of thermal
impedance junction to case versus
pulse duration
Figure 6.
Junction capacitance versus
reverse voltage applied
(typical values, per diode)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
Zth(j-c)/Rth(j-c)
tp(s)
Single pulse
100
1000
10000
1
10
100
C(pF)
VR(V)
F = 1 MHz
Vosc = 30 mVRMS
Tj = 25 °C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com