Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR207 Datasheet(PDF) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # FR207
Description  FAST RECOVERY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

FR207 Datasheet(HTML) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

  FR207 Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. FR207 Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CHENG- YI
CHENG- YI
ELECTRONIC
RATING AND CHARACTERISTICS CURVES
FR201 THRU FR207
FR201 thru FR207
FAST RECOVERY RECTIFIERS
FAST RECOVERY RECTIFIERS
Fig. 5 - TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTICS
50
NONINDUCTIVE
1
NON-
INDUCTIVE
NOTES : 1. Rise Time=7ns max., Input Impedance=
1 megohm, 22pF.
2. Rise Time=10ns max., Source Impedance=
50 ohms.
10
NONINDUCTIVE
D.U.T.
OSCILLOSCOPE
(NOTE 1)
PULSE
GENERATOR
(NOTE 2)
50 Vdc
(approx.)
(+)
(+)
(-)
()
SET TIME BASE FOR
50,100ns/cm
1cm
-1.0A
-0.25A
0
+0.5A
trr
Fig. 1 - FORWARD CURRENT DERATING CURVE
0
AMBIENT TEMPERATURE, C
SINGLE PHASE,
HALF-WAVE
60Hz
RESISTIVE OR
INDUCTIVE LOAD
.375"(9.5mm) LEAD LENGTH
25
50
75
100
125
150
175
2.0
1.5
1.0
.5
0
Fig.2 - MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
NUMBER OF CYCLES AT 60 Hz
0
10
20
30
40
50
60
8.3ms Single Half Sine Wave
JEDEC Method
1
2
5
10
20
50
100
100
60
40
20
10
1
2
4
6
10
20
40 60 100
Fig. 4 - TYPICAL JUNCTION CAPACITANCE
TJ = 25 0C
REVERSE VOLTAGE. VOLTS
Fig.3 - TYPICAL FORWARD
CHARACTERISTICS
FORWARD VOLTAGE, (V)
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Pulse Width-300 s
1% Duty Cycle
.01
.03
0.1
0.3
1.0
3.0
10
20
0
T =25 C
J



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com