Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS1706 Datasheet(PDF) 7 Page - ams AG

Part # AS1706
Description  1.6W Audio Power Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1706 Datasheet(HTML) 7 Page - ams AG

Back Button AS1706 Datasheet HTML 3Page - ams AG AS1706 Datasheet HTML 4Page - ams AG AS1706 Datasheet HTML 5Page - ams AG AS1706 Datasheet HTML 6Page - ams AG AS1706 Datasheet HTML 7Page - ams AG AS1706 Datasheet HTML 8Page - ams AG AS1706 Datasheet HTML 9Page - ams AG AS1706 Datasheet HTML 10Page - ams AG AS1706 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
www.austriamicrosystems.com
Revision 1.52
7 - 17
AS1701, AS1706
Data Sheet - Ty pi cal Operating Characte ristics
Figure 15. THD + Noise vs. Frequency;
Figure 16. THD + Noise vs. Frequency;
VDD = 5V, RL = 4
Ω, Av = 4
VDD = 5V, RL = 8
Ω, Av = 4
Figure 17. Power Dissipation vs. POUT; VDD = 5V,
Figure 18. Power Dissipation vs. POUT; VDD = 3V
Av = 2, RL = 4
Ω, f = 1kHz, THD+N<1%
Av = 2, RL = 4
Ω, f = 1kHz, THD+N<1%
Figure 19. Power Dissipation vs. POUT; VDD = 5V,
Figure 20. Power Dissipation vs. POUT; VDD = 3V
Av = 2, RL = 8
Ω, f = 1kHz, THD+N<1%
Av = 2, RL = 8
Ω, f = 1kHz, THD+N<1%
0.01
0.1
1
10
10
100
1000
10000
Frequency (Hz)
0.01
0.1
1
10
10
100
1000
10000
Frequency (Hz)
500mW
1.4W
500mW
1W
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.0
0.3
0.6
0.9
1.2
1.5
1.8
Output Power (W)
0
100
200
300
400
500
600
700
0
100
200
300
400
500
600
700
Output Power (mW)
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Output Power (W)
0
50
100
150
200
250
300
350
0
100
200
300
400
500
Output Power (mW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com