Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS1502 Datasheet(PDF) 9 Page - ams AG

Part # AS1502
Description  Digital Potentiometer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1502 Datasheet(HTML) 9 Page - ams AG

Back Button AS1502 Datasheet HTML 5Page - ams AG AS1502 Datasheet HTML 6Page - ams AG AS1502 Datasheet HTML 7Page - ams AG AS1502 Datasheet HTML 8Page - ams AG AS1502 Datasheet HTML 9Page - ams AG AS1502 Datasheet HTML 10Page - ams AG AS1502 Datasheet HTML 11Page - ams AG AS1502 Datasheet HTML 12Page - ams AG AS1502 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
www.austriamicrosystems.com
Revision 1.01
9 - 14
AS1500
Data Sheet - Deta iled Description
Rheostat Operation
The digital potentiometer family AS150x offers nominal resistor values of 10k
Ω, 20kΩ, 50kΩ and 100kΩ. The resistor
has 256 contact points where the wiper can access the resistor. The 8-bit code word determines the position of the
wiper and is decoded through an internal logic. The lowest code 00h is related to the terminal B. The resistance is then
only determined by the wiper resistance (100
Ω). The resistance for the next code 01h is the nominal resistor RAB
(10k
Ω, 20kΩ, 50kΩ or 100kΩ) divided through 256 plus the wiper resistor. In case of AS1501 (10kΩ) the total
resistance is 39
Ω+100Ω=139Ω. Accordingly the resistor for code 02h is 78Ω+100Ω=178Ω. The last code 255h does
not connect to terminal A directly (see Figure 5). So the maximum value is 10000
Ω - 39Ω +100Ω = 10061Ω. The
general formula for the calculation of the resistance RWB is:
RWB (Dx)= (Dx)/256 • RAB + RW
(EQ 1)
where RAB is the nominal resistance between terminal A and B, RW is the wiper resistance and DX is the 8-Bit Code
word. In Table 7 the resistor values between the wiper and terminal B for AS1500 are given for specific codes DX. In
the zero-scale condition the wiper resistance of 100
Ω remains present.
The maximum current through the wiper and terminal B is 5mA. If the current exceeds this limit the internal switches
can degrade or even be damaged. As a mechanical potentiometer the resistances RWA and RWB are totally
symmetrical. The relation between them is shown in Figure 5.
Figure 5. RWA and RWB versa code
Table 7. RDAC-Codes WB
DX (Dec)
RWB (Ω)
Output State
255
10061
Full Scale
128
5100
Midscale
1
139
1 LSB
0100
Zero-Scale
(Wiper Contact Resistance)
25
10
75
50
25
0
0
64
12
19
CODE - Decimal
RWA
RWB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com