Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS1501 Datasheet(PDF) 6 Page - ams AG

Part # AS1501
Description  Digital Potentiometer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1501 Datasheet(HTML) 6 Page - ams AG

Back Button AS1501 Datasheet HTML 2Page - ams AG AS1501 Datasheet HTML 3Page - ams AG AS1501 Datasheet HTML 4Page - ams AG AS1501 Datasheet HTML 5Page - ams AG AS1501 Datasheet HTML 6Page - ams AG AS1501 Datasheet HTML 7Page - ams AG AS1501 Datasheet HTML 8Page - ams AG AS1501 Datasheet HTML 9Page - ams AG AS1501 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
www.austriamicrosystems.com
Revision 1.01
6 - 14
AS1500
Data Sheet - El ectrical Characte ristics
DC Characteristics Potentiometer Divider
N
Resolution
8Bits
INL
Integral Nonlinearity
VCC = 5.5V TA = 25ºC
-4
±1
+4
LSB
VCC = 2.7V TA = 25ºC
-4
±1
+4
LSB
DNL
Differential Nonlinearity
VCC = 5.5V TA = 25ºC
-1
±1/4
+1
LSB
VCC = 2.7V TA = 25ºC
-1
±1/4
+1
LSB
ΔVW /ΔT
Voltage Divider Tempco
Code = 80H
15
ppm/ºC
VWFSE
Full-Scale Error
Code = FFH, VCC= 5.5V
-1
-0.25
0
LSB
VWFSE
Zero-Scale Error
Code = 00H, VCC = 5.5V
00.1
1
LSB
Resistor Terminals
VA, B, W
Voltage Range
5
0VCC
V
CA, B
Capacitance
6
Ax, Bx
f =1MHz, Measured to GND,
Code = 80H
15
pF
CW
Capacitance Wx
f =1MHz, Measured to GND,
Code = 80H
80
pF
Digital Inputs and Outputs
VIH
Input Logic High
VCC = 5V
2.4
V
VIL
Input Logic Low
VCC = 5V
0.8
V
VIH
Input Logic High
VCC = 3V
2.1
V
VIL
Input Logic Low
VCC = 3V
0.6
V
IIH, IIL
Input Current
VIN = 5V or 0V, VCC = 5V
±1
µA
CIL
Input Capacitance
5pF
Power Supplies
VCC
Power Supply Range
2.7
5.5
V
IDD
Supply Current (CMOS) VIH = VCC or VIL = 0V, VCC = 5.5V
0.1
1
µA
IDD
Supply Current (TTL)
7
VIH = 2.4V or 0.8V, VCC = 5.5V
0.9
4
mA
PDISS
Power Dissipation
(CMOS)
8
VIH = VCC or VIL = 0V, VCC = 5.5V
27.5
µW
PSSR
Power Supply
Suppression Ratio
VCC = 5V+0.5VP
sine wave @
1kHz
AS1502,
Version: 50k
Ω
-43
dB
AS1503,
Version: 100k
Ω
-52
dB
Dynamic Characteristics
9
BW_50k
Bandwidth –3dB
Bandwidth –3dB
RWB = 50kΩ, VCC = 5V
220
kHz
BW_100k
RWB = 100kΩ, VCC = 5V
110
kHz
THDW
Total Harmonic
Distortion
VA = 1VRMS + 2VDC, VB = 2VDC,
f = 1kHz
0.003
%
Table 4. Electrical Characteristics – 50k and 100k Versions
Symbol
Parameter
Conditions
Min
Typ
1
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com