Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADRF6602ACPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADRF6602ACPZ-R7
Description  1550 MHz to 2150 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6602ACPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADRF6602ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADRF6602ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADRF6602ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF6602ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADRF6602ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADRF6602ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADRF6602ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADRF6602ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6602ACPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADRF6602
Rev. 0 | Page 10 of 24
Phase noise measurements made at LO output, unless otherwise noted.
1kHz OFFSET
100kHz OFFSET
1MHz OFFSET
10MHz OFFSET
INTERGRATED PHASE NOISE
10kHz OFFSET
–160
–150
–140
–130
–120
–110
–100
–90
–80
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
–
1550
1650
1750
1850
1950
2050
2150
LO FREQUENCY (MHz)
Figure 10. PLL Spot Phase Noise at Various Offsets
and Integrated Phase Noise vs. LO Frequency
0.25× AND
0.5× PFD OFFSET
–110
–105
–100
–95
–90
–85
–80
–75
–70
1550
1650
1750
1850
1950
2050
2150
LO FREQUENCY (MHz)
1× PFD OFFSET
2× PFD OFFSET
4× PFD
OFFSET
Figure 11. PLL Reference Spurs vs. LO Frequency
–160
–150
–140
–130
–120
–110
–100
–90
80
1k
10k
100k
1M
10M
100M
OFFSET FREQUENCY (Hz)
LO = 1558.4MHz
LO = 2134.4MHz
Figure 12. Phase Noise vs. Offset Frequency and LO Frequency
(LO Frequency Varies from 1550 MHz to 2150 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com