Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B41004 Datasheet(PDF) 13 Page - EPCOS

Part # B41004
Description  Aluminum electrolytic capacitors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41004 Datasheet(HTML) 13 Page - EPCOS

Back Button B41004 Datasheet HTML 9Page - EPCOS B41004 Datasheet HTML 10Page - EPCOS B41004 Datasheet HTML 11Page - EPCOS B41004 Datasheet HTML 12Page - EPCOS B41004 Datasheet HTML 13Page - EPCOS B41004 Datasheet HTML 14Page - EPCOS B41004 Datasheet HTML 15Page - EPCOS B41004 Datasheet HTML 16Page - EPCOS B41004 Datasheet HTML 17Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Single-ended capacitors
B41004, B43004
Low impedance – 85
°C
13 08/08
Please read Cautions and warnings and
Important notes at the end of this document.
*** = Version
000 = for standard leads, bulk
001 = for kinked leads, bulk
002 = for cut leads, bulk
016 = for taped leads, Ammo pack, lead spacing a = 2.0 mm
007 = for taped leads, Ammo pack, lead spacing a = 2.5 mm
006 = for taped leads, Ammo pack, lead spacing a = 3.5 mm
008 = for taped leads, Ammo pack, lead spacing a = 5.0 mm
Technical data and ordering codes B41004
VR
V DC
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
Z
100 kHz
20
°C
Ω
IAC,R
100 kHz
85
°C
mA
Ordering code
(composition see
below)
63
150
10
× 20
0.522
540
B41004A8157M***
220
12.5
× 20
0.384
630
B41004A8227M***
330
12.5
× 25
0.264
740
B41004A8337M***
470
16
× 25
0.192
1000
B41004A8477M***
680
16
× 31.5
0.144
1200
B41004A8687M***
1000
16
× 35.5
0.117
1500
B41004A8108M***
100
0.1
5
× 11
26
10
B41004A9104M***
0.15
5
× 11
24
11
B41004A9154M***
0.22
5
× 11
22
15
B41004A9224M***
0.33
5
× 11
20
20
B41004A9334M***
0.47
5
× 11
18
25
B41004A9474M***
0.68
5
× 11
15.6
30
B41004A9684M***
15
× 11
14.4
35
B41004A9105M***
1.5
5
× 11
13.2
45
B41004A9155M***
2.2
5
× 11
12
55
B41004A9225M***
3.3
5
× 11
8.64
65
B41004A9335M***
4.7
5
× 11
7.56
75
B41004A9475M***
6.8
6.3
× 11
5.4
90
B41004A9685M***
10
8
× 11.5
3.96
120
B41004A9106M***
15
10
× 12.5
3.36
150
B41004A9156M***
22
10
× 12.5
1.68
190
B41004A9226M***
33
10
× 16
1.128
310
B41004A9336M***
47
10
× 16
0.816
350
B41004A9476M***
68
12.5
× 20
0.48
440
B41004A9686M***
100
12.5
× 20
0.336
600
B41004A9107M***
150
16
× 25
0.264
690
B41004A9157M***
220
16
× 25
0.192
1050
B41004A9227M***
330
16
× 31.5
0.156
1380
B41004A9337M***
470
16
× 35.5
0.144
1400
B41004A9477M***



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com