Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DL-5358AC-VTAS Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # DL-5358AC-VTAS
Description  Uncooled 1550 nm MQW-DFB LD for CDMA wireless communication
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

DL-5358AC-VTAS Datasheet(HTML) 1 Page - Optoway Technology Inc

  DL-5358AC-VTAS Datasheet HTML 1Page - Optoway Technology Inc DL-5358AC-VTAS Datasheet HTML 2Page - Optoway Technology Inc DL-5358AC-VTAS Datasheet HTML 3Page - Optoway Technology Inc DL-5358AC-VTAS Datasheet HTML 4Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Optoway
DL-53X8AC
****************************************************************************************************************************************************************
****************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
6/1/2008 V1.0
DL-53X8AC Series
Uncooled 1550 nm MQW-DFB LD for CDMA wireless communication
****************************************************************************************************************************************************************
DESCRIPTION
DL-53X8AC series are designed for coupling a single mode optical fiber with 1550 nm MQW-DFB
uncooled laser diode. DL-53X8AC series are the best kits as light source for analog application, such as
optical repeater for CDMA mobile communication.
FEATURES
l
1550 nm Uncooled DFB Laser Diode with MOW Structure
l
High Reliability, Long Operation Life
l
Single Frequency Operation with High SMSR
l
-20 to 85℃ operation without active cooling
l
Built-in InGaAs monitor photodiode
l
Low Inter-modulation Distortion
l
Built-in isolator
CHARACTERISTICS
ELECTRICAL AND OPTICAL CHARACTERISTICS (TC = 25ºC)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Ith
Threshold Current
CW, Room Temperature
CW, Over Temperature
10
15
50
mA
mA
Iop
Operation Current
CW, Room temperature
CW, Over Temperature
50
100
mA
mA
Vop
Operating Voltage
CW, IF=Iop
1.2
1.5
V
Pf
Optical Output Power
Part No.:DL-5338AC
DL-5348AC
DL-5358AC
CW, IF=Iop
2.0
3.0
4.0
mW
mW
mW
λc
Central Wavelength
CW, IF=Iop
1530
1550
1570
nm
SMSR
Side Mode Suppression Ratio
CW, IF=Iop
30
35
nm
ΔPf/ Pf Tracking Error
APC, -20~85 ℃
-1
1
dB
Im
PD monitor Current
CW, IF=Iop, VRD=1V
100
1500
µA
ID
PD Dark Current
VRD=5V
0.1
µA
Ct
PD Capacitance
VRD=5V, f=1 MHz
10
15
pF
IMD3
Third-Order Intermodulation
(*1)
-56
dBc
RIN
Relative Intensity Noise
f=50~1000 MHz
-145
dB/Hz
Iso
Optical Isolation
λ=1550 nm
30
dB
Note: *1 2-tone (936 MHz and 958 MHz), OMI=0.2 for each RF Channel.


Similar Part No. - DL-5358AC-VTAS

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
DL-5358AC-VTAS OPTOWAY-DL-5358AC-VTAS Datasheet
92Kb / 4P
Uncooled 1550 nm MQW-DFB LD forWide-Band CDMA application
More results

Similar Description - DL-5358AC-VTAS

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
DL-5300 OPTOWAY-DL-5300 Datasheet
101Kb / 2P
1550 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5340 OPTOWAY-DL-5340 Datasheet
94Kb / 2P
1550 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5540 OPTOWAY-DL-5540 Datasheet
117Kb / 2P
1550 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH RECEPTACLE
DL-33X8AW OPTOWAY-DL-33X8AW Datasheet
93Kb / 4P
Uncooled 1310 nm MQW-DFB LD forWide-Band CDMA application
DL-5300 OPTOWAY-DL-5300_09 Datasheet
81Kb / 4P
1550 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH PIGTAIL
DL-53X8AC-CXX0 OPTOWAY-DL-53X8AC-CXX0 Datasheet
82Kb / 4P
Uncooled 1470 ~ 1610 nm CWDM MQW-DFB LD for CDMA wireless communication
DL-53X8AR OPTOWAY-DL-53X8AR Datasheet
92Kb / 4P
Uncooled 1550 nm MQW-DFB LD for CATV return path application
DL-53X8AW OPTOWAY-DL-53X8AW Datasheet
92Kb / 4P
Uncooled 1550 nm MQW-DFB LD forWide-Band CDMA application
DL-5500 OPTOWAY-DL-5500_09 Datasheet
94Kb / 5P
1550 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH RECEPTACLE
DL-3338AC OPTOWAY-DL-3338AC Datasheet
91Kb / 4P
Uncooled 1310 nm MQW-DFB LD for CDMA wireless communication
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com