Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEX8114RDK-R Datasheet(PDF) 2 Page - PLX Technology

Part # PEX8114RDK-R
Description  PCI Express-to-PCI/PCI-X Bridge
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PEX8114RDK-R Datasheet(HTML) 2 Page - PLX Technology

  PEX8114RDK-R Datasheet HTML 1Page - PLX Technology PEX8114RDK-R Datasheet HTML 2Page - PLX Technology PEX8114RDK-R Datasheet HTML 3Page - PLX Technology PEX8114RDK-R Datasheet HTML 4Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Board and System Design Applications
The ExpressLane PEX 8114 can be used on PCI Express-
based motherboards or embedded systems to connect legacy
PCI or PCI-X slots or devices. In addition, the bridge can be
used in add-on cards and mezzanine boards in either forward
or reverse bridge mode.
Motherboards
The simple design and small footprint of the ExpressLane
PEX 8114 make it an ideal bridge solution for the
motherboard (see Figure 1), providing for PCI or PCI-X slot
connectivity and for interface to legacy native PCI or PCI-X
silicon I/O components.
Figure 1. Forward Bridge on Motherboard
In addition, the ExpressLane PEX 8114 is ideal for enabling
PCI Express slot connectivity on motherboards with existing
PCI or PCI-X chipsets (see Figure 2). The reverse bridge
function including reverse bridge root registers means
customers can upgrade existing designs without changing their
choice of CPU chipset.
Figure 2. Reverse Bridge on Motherboard
Adapter Boards-Forward Bridge
In Forward Mode (see Figure 3), the ExpressLane PEX 8114
can be used to quickly upgrade legacy PCI or PCI-X adapter
board designs to be compatible with PCI Express standard
interface slots.
Figure 3. Forward Mode
Adapter Boards-Reverse Bridge
The ExpressLane PEX 8114 supports Reverse Mode bridging
(see Figure 5), enabling state-of-the-art PCI Express silicon to
be used with legacy PCI or PCI-X parallel busses. Designers
can utilize the latest LAN, SAN or NAS I/O silicon
architectures and features while providing the capability to
bridge backwards to widely entrenched legacy slots and
backplanes. Reverse bridging allows the host processor to
reside out on the PCI or PCI-X bus; the bridge will accept
configuration cycles from the PCI/PCI-X side and manage the
local PCI Express interface as a secondary entity within the
PCI software model.
Figure 5. Reverse Mode



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com