Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATtiny48-PU Datasheet(PDF) 28 Page - ATMEL Corporation

Part # ATtiny48-PU
Description  8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
PDF  266 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny48-PU Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button ATtiny48-PU Datasheet HTML 24Page - ATMEL Corporation ATtiny48-PU Datasheet HTML 25Page - ATMEL Corporation ATtiny48-PU Datasheet HTML 26Page - ATMEL Corporation ATtiny48-PU Datasheet HTML 27Page - ATMEL Corporation ATtiny48-PU Datasheet HTML 28Page - ATMEL Corporation ATtiny48-PU Datasheet HTML 29Page - ATMEL Corporation ATtiny48-PU Datasheet HTML 30Page - ATMEL Corporation ATtiny48-PU Datasheet HTML 31Page - ATMEL Corporation ATtiny48-PU Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 266 page
background image
28
8008C–AVR–03/09
ATtiny48/88
When this oscillator is used as the chip clock, the Watchdog oscillator will still be used for the
Watchdog Timer and for the Reset Time-out. For more information on the pre-programmed cali-
bration value, see the section “Calibration Byte” on page 186.
Notes:
1. The device is shipped with this option selected.
2. The frequency ranges are preliminary values. Actual values are TBD.
3. If 8 MHz frequency exceeds the specification of the device (depends on V
CC), the CKDIV8
Fuse can be programmed in order to divide the internal frequency by 8.
When this oscillator is selected, start-up times are determined by the SUT Fuses as shown in
the table below.
Note:
1. If the RSTDISBL fuse is programmed, this start-up time will be increased to 14CK + 4 ms to
ensure programming mode can be entered.
2.
The device is shipped with this option selected.
6.4
128 kHz Internal Oscillator
The 128 kHz internal oscillator is a low power oscillator providing a clock of 128 kHz. The fre-
quency is nominal at 3V and 25
°C. This clock may be select as the system clock by
programming the CKSEL Fuses to “11” as shown in Table 6-5.
Note:
1. The frequency is preliminary value. Actual value is TBD.
Table 6-3.
Selecting Internal Calibrated Oscillator Mode
(1)(3)
CKSEL1..0
Frequency Range(2) (MHz)
10
7.3
– 8.1
Table 6-4.
Start-up Times for the Internal Calibrated Oscillator Clock Selection
SUT1..0
Power Conditions
Start-up Time
from Power-down
Additional Delay
from Reset (V
CC = 5.0V)
00
BOD enabled
6 CK
14CK(1)
01
Fast rising power
6 CK
14CK + 4 ms
10
Slowly rising power
6 CK
14CK + 64 ms(2)
11
Reserved
Table 6-5.
Selecting 128 kHz Internal Oscillator Modes
CKSEL1..0
Nominal Frequency
11
128 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com