Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATtiny85 Datasheet(PDF) 94 Page - ATMEL Corporation

Part # ATtiny85
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny85 Datasheet(HTML) 94 Page - ATMEL Corporation

Back Button ATtiny85 Datasheet HTML 90Page - ATMEL Corporation ATtiny85 Datasheet HTML 91Page - ATMEL Corporation ATtiny85 Datasheet HTML 92Page - ATMEL Corporation ATtiny85 Datasheet HTML 93Page - ATMEL Corporation ATtiny85 Datasheet HTML 94Page - ATMEL Corporation ATtiny85 Datasheet HTML 95Page - ATMEL Corporation ATtiny85 Datasheet HTML 96Page - ATMEL Corporation ATtiny85 Datasheet HTML 97Page - ATMEL Corporation ATtiny85 Datasheet HTML 98Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 196 page
background image
94
7598H–AVR–07/09
ATtiny25/45/85
The length of the counting period is user adjustable by selecting the dead time prescaler setting
in 0x23 register, and selecting then the dead time value in I/O register DT1x. The DT1x register
consists of two 4-bit fields, DT1xH and DT1xL that control the dead time periods of the PWM
output and its’ complementary output separately. Thus the rising edge of OC1x and
OC1x can
have different dead time periods. The dead time is adjusted as the number of prescaled dead
time generator clock cycles.
Figure 15-3. The Complementary Output Pair
15.1
Timer/Counter1 Dead Time Prescaler register 1 - DTPS1
The dead time prescaler register, DTPS1 is a 2-bit read/write register.
Bits 1 - 0 - DTPS1: Timer/Counter1 Dead Time Prescaler register 1
The dedicated Dead Time prescaler in front of the Dead Time Generator can divide the
Timer/Counter1 clock (PCK or CK) by 1, 2, 4 or 8 providing a large range of dead times that can
be generated. The Dead Time prescaler is controlled by two bits DTPS11..10 from the Dead
Time Prescaler register. These bits define the division factor of the Dead Time prescaler. The
division factors are given in table 46..
OC1x
x = A or B
t non-overlap / rising edge
t non-overlap / falling edge
OC1x
PWM1x
Bit
765
43210
$23 ($43)
DTPS11
DTPS10
DTPS1
Read/Write
RRRRRR
R/W
R/W
Initial value
000
00000
Table 15-1.
Division factors of the Dead Time prescaler
DTPS11
DTPS10
Prescaler divides the T/C1 clock by
0
0
1x (no division)
01
2x
10
4x
11
8x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com