Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSDC3 Datasheet(PDF) 1 Page - MMD Components

Part # FSDC3
Description  HC-49/US Surface Mounted Crystal
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

FSDC3 Datasheet(HTML) 1 Page - MMD Components

  FSDC3 Datasheet HTML 1Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice
Revision DF062707M
D and F Series Crystal
HC-49/US Surface Mounted
Crystal
Wide Frequency Range
RoHS Compliant Available
Fundamental or 3rd OT AT Cut
ELECTRICAL SPECIFICATIONS:
ESR CHART:
Frequency Range
3.200MHz to 80.000MHz
Frequency Tolerance / Stability
(See Part Number Guide for Options)
Operating Temperature Range
(See Part Number Guide for Options)
Storage Temperature
-55°C to +125°C
Aging
±5ppm / first year Max
Shunt Capacitance
7pF Max
Load Capacitance
20pF Standard
(See Part Number Guide for Options)
Equivalent Series Resistance
See ESR Chart
Mode of Operation
Fundamental, or 3
rd OT
Drive Level
1mW Max
Shock
MIL-STD-883, Meth 2002, Cond B
Solderability
MIL-STD-883, Meth 2003
Solvent Resistance
MIL-STD-202, Meth 215
Vibration
MIL-STD-883, Meth 2007, Cond A
Gross Leak Test
MIL-STD-883, Meth 1014, Cond C
Fine Leak Test
MIL-STD-883, Meth 1014, Cond A
Frequency Range
ESR (Ohms)
Mode / Cut
3.200MHz to 3.999MHz
150 Max
Fund / AT
4.000MHz to 4.999MHz
120 Max
Fund / AT
5.000MHz to 5.999MHz
100 Max
Fund / AT
6.000MHz to 7.999MHz
90 Max
Fund / AT
8.000MHz to 9.999MHz
70 Max
Fund / AT
10.000MHz to 11.999MHz
50 Max
Fund / AT
12.000MHz to 14.999MHz
50 Max
Fund / AT
15.000MHz to 19.999MHz
40 Max
Fund / AT
20.000MHz to 33.000MHz
30 Max
Fund / AT
24.576MHz to 29.999MHz
100 Max
3rd OT / AT
30.000MHz to 80.000MHz
80 Max
3rd OT / AT
MECHANICALS DETAIL:
MARKING:
13.20 [.520]
MAX
11.70 [.461]
MAX
5.00 [.197]
MAX
15.00 [.591]
0.79 [.031]
4.88 [.192]
D = 4.50 [.177] MAX
F = 3.50 [.138] MAX
5.50 [.217]
4.00 [.157]
RECOMMENDED
LAND PATTERN
DIMENSION IN BRACKETS ARE IN INCHES
2.00 [.079]
Line 1: MXX.XXX
XX.XXX = Frequency in MHz
Line 2: SYMCCL
S = Internal Code
YM = Date Code (Year/Month)
CC = Crystal Parameters Code
L = Denotes RoHS Compliant
PART NUMBER GUIDE:
RoHS Compliant
Blank = Not Compliant
F = Is Compliant
Load Capacitance
S = Series
20 = 20pF (Standard)
XX = XXpF (8pF to 50pF)
Temperature
Tolerance/Stability*
A = ±50 ppm / ±100 ppm
B = ±30 ppm / ±50 ppm
C = ±15 ppm / ±30 ppm
D = ±10 ppm / ±15 ppm
E = ±50 ppm / ±50 ppm
N = ±10 ppm / ±10 ppm
Frequency
* Please consult with MMD sales department for any other parameters or options.
** Not all Frequency Tolerance/Stability options available at this temperature range.
Operating Temperature
A = 0°C to +70°C
B = -20°C to +70°C
C = -40°C to +85°C **
Value Added Options
Blank = No Added Options
T = Tape and Reel
Mode of Operation
1 = Fundamental
3 = 3rd Overtone
D = HC-49/US SMD (4.5mm*)
F = HC-49/US SMD (3.5mm*)
*Max Height
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com


Similar Part No. - FSDC3

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
FSDCAJ6S2G65D629N TAIYO-YUDEN-FSDCAJ6S2G65D629N Datasheet
284Kb / 2P
FBAR/SAW DEVICES for COMMUNICATIONS (SAW Duplexers)
2025.07.07
FSDCAJ6S942MD603N TAIYO-YUDEN-FSDCAJ6S942MD603N Datasheet
284Kb / 2P
FBAR/SAW DEVICES for COMMUNICATIONS (SAW Duplexers)
2025.07.07
FSDCAM8N1G96A3CYU TAIYO-YUDEN-FSDCAM8N1G96A3CYU Datasheet
284Kb / 2P
FBAR/SAW DEVICES for COMMUNICATIONS (SAW Duplexers)
2025.07.07
FSDCSQ6M1G96G3HC TAIYO-YUDEN-FSDCSQ6M1G96G3HC Datasheet
300Kb / 2P
FBAR/SAW DEVICES for COMMUNICATIONS (SAW Duplexers)
FSDCSQ6M2G65G3PZ TAIYO-YUDEN-FSDCSQ6M2G65G3PZ Datasheet
300Kb / 2P
FBAR/SAW DEVICES for COMMUNICATIONS (SAW Duplexers)
More results

Similar Description - FSDC3

ManufacturerPart #DatasheetDescription
logo
MMD Components
BESAA1 MMD-BESAA1 Datasheet
52Kb / 1P
HC-49/US Thru-Hole Crystal
logo
Caliber Electronics Inc...
CQA32C1 CALIBER-CQA32C1 Datasheet
45Kb / 1P
4 Pin HC-49/US SMD Microprocessor Crystal
logo
CTS Corporation
ATS073BSM CTS-ATS073BSM Datasheet
181Kb / 6P
Standard HC-49/US thru-hole and HC-49/US-SM surface mount Packages
ATS270ASM-1 CTS-ATS270ASM-1 Datasheet
182Kb / 6P
Standard HC-49/US thru-hole and HC-49/US-SM surface mount Packages
ATS073BSM CTS-ATS073BSM Datasheet
181Kb / 6P
Standard HC-49/US thru-hole and HC-49/US-SM surface mount Packages
ATS073SM-1 CTS-ATS073SM-1 Datasheet
182Kb / 6P
Standard HC-49/US [thru-hole] and HC-49/US-SM surface mount Packages
ATS073SM-1 CTS-ATS073SM-1 Datasheet
182Kb / 6P
Standard HC-49/US [thru-hole] and HC-49/US-SM surface mount Packages
logo
PETERMANN-TECHNIK
HC-49US PETERMANN-HC-49US_14 Datasheet
784Kb / 3P
THT QUARTZ CRYSTAL SERIES HC-49/US
logo
Raltron Electronics Cor...
AS-SMD RALTRON-AS-SMD Datasheet
193Kb / 2P
MICROPROCESSOR CRYSTAL HC-49/US LOW PROFILE
logo
Vectron International, ...
VXB1_VXB2 VECTRON-VXB1_VXB2 Datasheet
356Kb / 3P
HC-49/US SMD Crystal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com