Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFSAB3 Datasheet(PDF) 1 Page - MMD Components

Part # AFSAB3
Description  HC-49/U Thru-Hole Crystal
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

AFSAB3 Datasheet(HTML) 1 Page - MMD Components

  AFSAB3 Datasheet HTML 1Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice
Revision 5/11/06 H
A Series Crystal
HC-49/U Thru-Hole Crystal
RoHS Compliant Available
Wide Frequency Range
AT Cut
Resistance Weld
ELECTRICAL SPECIFICATIONS:
ESR CHART:
Frequency Range
1.8432MHz to 200.000MHz
Frequency Tolerance /
Stability
(See Part Number Guide for Options)
Operating Temperature
Range
(See Part Number Guide for Options)
Storage Temperature
-55°C to +125°C
Aging
±5ppm / first year Max
Shunt Capacitance
7pF Max
Load Capacitance
20pF Standard
(See Part Number Guide for Options)
Equivalent Series Resistance
See ESR Chart
Mode of Operation
Fundamental, 3rd OT or 5th OT
Drive Level
2mW Max
Shock
MIL-STD-883, Meth 2002, Cond B
Solderability
MIL-STD-883, Meth 2003
Solvent Resistance
MIL-STD-202, Meth 215
Vibration
MIL-STD-883, Meth 2007, Cond A
Gross Leak Test
MIL-STD-883, Meth 1014, Cond C
Fine Leak Test
MIL-STD-883, Meth 1014, Cond A
Frequency Range
ESR (Ohms)
Mode / Cut
1.8432MHz to 1.999MHz
800 Max
Fund / AT
2.000MHz to 2.399MHz
550 Max
Fund / AT
2.400MHz to 2.999MHz
350 Max
Fund / AT
3.000MHz to 3.199MHz
250 Max
Fund / AT
3.200MHz to 3.499MHz
200 Max
Fund / AT
3.500MHz to 3.599MHz
150 Max
Fund / AT
3.600MHz to 3.999MHz
120 Max
Fund / AT
4.000MHz to 4.999MHz
100 Max
Fund / AT
5.000MHz to 5.999MHz
70 Max
Fund / AT
6.000MHz to 40.000MHz
40 Max
Fund / AT
24.000MHz to 75.000MHz
40 Max
3rd OT / AT
75.001MHz to 200.000MHz
100 Max
5th OT /AT
MECHANICAL DETAIL:
MARKING:
13.21 [.520]
MAX
0.43 [.017]
4.70 [.185]
MAX
11.20 [.441]
MAX
4.88 [.192]
DIMENSIONS IN BRACKETS ARE IN INCHES
M XX.XXX
SYMCCL
13.46 [.530]
MAX
Line 1: MXX.XXX
XX.XXX = Frequency in MHz
Line 2: SYMCCL
S = Internal Code
YM = Date Code (Year/Month)
CC = Crystal Parameters Code
L = Denotes RoHS Compliant
PART NUMBER GUIDE:
RoHS Compliant
Blank = Not Compliant
F = Is Compliant
Load Capacitance
S = Series
20 = 20pF (Standard)
XX = XXpF (8pF to 50pF)
Temperature
Tolerance/Stability*
A = ±50 ppm / ±100 ppm
B = ±30 ppm / ±50 ppm
C = ±15 ppm / ±30 ppm
D = ±10 ppm / ±15 ppm
E = ±50 ppm / ±50 ppm
N = ±10 ppm / ±10 ppm
Mode of Operation
1 = Fundamental
3 = 3rd Overtone
5 = 5th Overtone
Value Added Options
Blank = No Added Options
I = Mylar Insulator Tab
L = 3rd Lead (Top of Can)
3 = 3 Lead Base
G = Gull-Wing
CLXXX = Cut Leads
XXX = Lead Length Code
Frequency
A
* Please consult with MMD sales department for any other parameters or options.
** Not all Frequency Tolerance/Stability options available at this temperature range.
Operating Temperature
A = 0°C to +70°C
B = -20°C to +70°C
C = -40°C to +85°C **
HC-49/U
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com


Similar Part No. - AFSAB3

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
AFS OKAYA-AFS Datasheet
91Kb / 1P
PFC CAPACITOR
logo
Greystone Energy System...
AFS GREYSTONE-AFS Datasheet
199Kb / 1P
DIFFERENTIAL PRESSURE SWITCH
logo
Abracon Corporation
AFS-152-902.5MHZ-T ABRACON-AFS-152-902.5MHZ-T Datasheet
300Kb / 1P
SMD 902.5 MHz SAW FILTER
11.15.06
logo
KOA Speer Electronics, ...
AFS0001 KOA-AFS0001 Datasheet
102Kb / 2P
air flowsensor units
AFS0002 KOA-AFS0002 Datasheet
102Kb / 2P
air flowsensor units
More results

Similar Description - AFSAB3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AA32C3 ETC2-AA32C3 Datasheet
46Kb / 1P
HC-49/U Microprocessor Crystal
logo
Advanced XTAL Products
AXX49 AXTAL-AXX49 Datasheet
127Kb / 2P
Quartz Crystal Unit HC-49/U
2005-01-15
AXX49S AXTAL-AXX49S Datasheet
156Kb / 2P
Quartz Crystal Unit HC-49/U with low profile
2005-01-15
AXX49T AXTAL-AXX49T Datasheet
127Kb / 2P
Quartz Crystal Unit HC-49/U with reduced height
2005-01-15
logo
Pletronics, Inc.
MP49 PLETRONICS-MP49 Datasheet
90Kb / 6P
HC-49/U Crystal
logo
MMD Components
BESAA1 MMD-BESAA1 Datasheet
52Kb / 1P
HC-49/US Thru-Hole Crystal
logo
Caliber Electronics Inc...
AA32C1 CALIBER-AA32C1 Datasheet
51Kb / 1P
HC-49/U Microprocessor Crystal
logo
CTS Corporation
ATS073BSM CTS-ATS073BSM Datasheet
181Kb / 6P
Standard HC-49/US thru-hole and HC-49/US-SM surface mount Packages
ATS073SM-1 CTS-ATS073SM-1 Datasheet
182Kb / 6P
Standard HC-49/US [thru-hole] and HC-49/US-SM surface mount Packages
logo
Suzhou HangJing Electro...
X49UT2 HANGJING-X49UT2 Datasheet
289Kb / 1P
QUARTZ CRYSTAL UNIT IN HC-49/U THRU-HOLE PACKAGE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com