Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMSZ5259BS Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # MMSZ5259BS
Description  SURFACE MOUNT ZENER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

MMSZ5259BS Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  MMSZ5259BS Datasheet HTML 1Page - PACELEADER INDUSTRIAL MMSZ5259BS Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
o
MAXIMUM RATINGS (at TA=25 C unless otherwise noted)
UNITS
SYMBOL
Min.
Typ.
Max.
PARAMETER
CONDITIONS
-55
-55
mA
mW
V
0C
0C
MMSZ5221BS thru MMSZ5259BS
FEATURES
MECHANICAL DATA
SURFACE MOUNT ZENER DIODES
SURFACE MOUNT ZENER DIODES
200mW Power Dissipation
High Voltages from 2.4V~39V
Designed for mounting on small surface
Extremely thin/leadless package
Case Molded plastic, SOD-323
Terminals Solder plated, solderable per
MIL-STD-750, Method 2026
Polarity Indicated by cathode band
Mounting Position Any
Forward voltage
Power Dissipation
Forward surge current
Storage temperature
Operating temperature
IF=100mADC
8.3ms Single Half Sine-Wave Superimposed
on Rated Load (JEDEC Method)
VF
Po
IFSM
TSTG
TJ
1.00
200
4000
+150
+150
SOD-323
Dimensions in inches and (millimeters)
0.012(0.3) Typ .
0.016(0.4) Typ .
0.016(0.4) Typ .
0.106 (2.7)
0.091 (2.3)
0.057 (1.45)
0.041 (1.05)
0.047 (1.2)
0.031 (0.8)
www.paceleader.tw


Similar Part No. - MMSZ5259BS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMSZ5259BS PANJIT-MMSZ5259BS Datasheet
78Kb / 5P
SURFACE MOUNT SILICON ZENER DIODES
logo
Diodes Incorporated
MMSZ5259BS DIODES-MMSZ5259BS Datasheet
61Kb / 3P
SURFACE MOUNT ZENER DIODE
DS31038 Rev. 5 - 2
MMSZ5259BS DIODES-MMSZ5259BS Datasheet
456Kb / 4P
SURFACE MOUNT ZENER DIODE
DS31038 Rev. 10 - 2
logo
Won-Top Electronics
MMSZ5259BS WTE-MMSZ5259BS Datasheet
75Kb / 4P
200mW SURFACE MOUNT ZENER DIODE
logo
Pan Jit International I...
MMSZ5259BS PANJIT-MMSZ5259BS Datasheet
79Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - MMSZ5259BS

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
Surface Mount Zener Diodes
logo
Pan Jit International I...
AZ23C5V6P PANJIT-AZ23C5V6P Datasheet
262Kb / 3P
SURFACE MOUNT ZENER DIODES
ZMM55-C2V4 PANJIT-ZMM55-C2V4_09 Datasheet
99Kb / 4P
SURFACE MOUNT ZENER DIODES
ZMM5221B PANJIT-ZMM5221B_09 Datasheet
102Kb / 4P
SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
MM9D2V4 WEITRON-MM9D2V4 Datasheet
499Kb / 3P
Surface Mount Zener Diodes
SMB5921B WEITRON-SMB5921B Datasheet
81Kb / 2P
Surface Mount Zener Diodes
logo
Guangdong Juxing Electr...
SMZJ3788B JUXING-SMZJ3788B Datasheet
595Kb / 2P
Surface Mount Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com