Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC5604C Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC5604C
Description  MPC5604B/C Microcontroller Data Sheet
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5604C Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC5604C Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5604C Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5604C Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5604C Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5604C Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5604C Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5604C Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5604C Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5604C Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 72 page
background image
Freescale Semiconductor
Data Sheet: Advance Information
Document Number: MPC5604BC
Rev. 4, 08/2009
© Freescale Semiconductor, Inc., 2009. All rights reserved.
This document contains information on a product under development. Freescale reserves the
right to change or discontinue this product without notice.
MPC5604B/C
TBD
MAPBGA–225
15 mm x 15 mm
QFN12
##_mm_x_##mm
SOT-343R
##_mm_x_##mm
PKG-TBD
## mm x ## mm
208 MAPBGA
(17 x 17 x 1.7 mm)
144 LQFP
(20 x 20 x 1.4 mm)
100 LQFP
(14 x 14 x 1.4 mm)
32-bit MCU family built on the Power Architecture™ for
automotive body electronics applications
Features:
•
Single issue, 32-bit CPU core complex (e200z0)
— Compliant with the Power Architecture™
embedded category
— Includes an instruction set enhancement
allowing variable length encoding (VLE) for
code size footprint reduction. With the optional
encoding of mixed 16-bit and 32-bit
instructions, it is possible to achieve significant
code size footprint reduction.
•
Up to 512 Kbytes on-chip flash supported with the
flash controller
•
Up to 48 Kbytes on-chip SRAM
•
Memory protection unit (MPU) with 8 region
descriptors and 32-byte region granularity
•
Interrupt controller (INTC) with 148 interrupt
vectors, including 16 external interrupt sources and
18 external interrupt/wakeup sources
•
Frequency modulated phase-locked loop (FMPLL)
•
Crossbar switch architecture for concurrent access to
peripherals, flash, or RAM from multiple bus
masters
•
Boot assist module (BAM) supports internal flash
programming via a serial link (CAN or SCI)
•
Timer supports input/output channels providing a
range of 16-bit input capture, output compare, and
pulse width modulation functions (eMIOS-lite)
•
10-bit analog-to-digital converter (ADC)
•
3 serial peripheral interface (DSPI) modules
•
Up to 4 serial communication interface (LINFlex)
modules
•
Up to 6 enhanced full CAN (FlexCAN) modules
with configurable buffers
•
1 inter IC communication interface (I2C) module
•
Up to 123 configurable general purpose pins
supporting input and output operations (package
dependent)
•
Real Time Counter (RTC) with clock source from
128 kHz or 16 MHz internal RC oscillator
supporting autonomous wakeup with 1 ms
resolution with max timeout of 2 seconds
•
Up to 6 periodic interrupt timers (PIT) with 32-bit
counter resolution
•
1 System Module Timer (STM)
•
Nexus development interface (NDI) per IEEE-ISTO
5001-2003 Class Two Plus standard
•
Device/board boundary Scan testing supported with
per Joint Test Action Group (JTAG) of IEEE (IEEE
1149.1)
•
On-chip voltage regulator (VREG) for regulation of
input supply for all internal levels
MPC5604B/C
Microcontroller Data Sheet


Similar Part No. - MPC5604C

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5604C FREESCALE-MPC5604C Datasheet
1Mb / 106P
32-bit MCU family built on the Power Architecture for automotive
MPC5604C FREESCALE-MPC5604C Datasheet
243Kb / 2P
Qorivva MPC560xB/C/D Family
MPC5604C FREESCALE-MPC5604C Datasheet
243Kb / 2P
Qorivva MPC560xBCD Family
logo
NXP Semiconductors
MPC5604C NXP-MPC5604C Datasheet
1Mb / 109P
MPC5604B/C Microcontroller Data Sheet
Rev. 14, 11/2017
MPC5604C NXP-MPC5604C Datasheet
1Mb / 109P
Single issue, 32-bit CPU core complex (e200z0)
Rev. 15, 10/2021
More results

Similar Description - MPC5604C

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF52223 FREESCALE-MCF52223 Datasheet
834Kb / 56P
Microcontroller Data Sheet
MPC5553 FREESCALE-MPC5553_07 Datasheet
2Mb / 66P
Microcontroller Data Sheet
MPC5533 FREESCALE-MPC5533 Datasheet
1Mb / 50P
Microcontroller Data Sheet
SPC5607BF1MLU6 FREESCALE-SPC5607BF1MLU6 Datasheet
779Kb / 110P
Microcontroller Data Sheet
SPC5604BF2MLL6 FREESCALE-SPC5604BF2MLL6 Datasheet
1,021Kb / 109P
MPC5604B/C Microcontroller
SPC5668EK0MMGR FREESCALE-SPC5668EK0MMGR Datasheet
575Kb / 66P
MPC5668x Microcontroller Data Sheet
PPC5604EEMLH FREESCALE-PPC5604EEMLH Datasheet
994Kb / 75P
MPC5604E Microcontroller Data Sheet
logo
NXP Semiconductors
MPC5604BC NXP-MPC5604BC Datasheet
1Mb / 109P
MPC5604B/C Microcontroller Data Sheet
Rev. 14, 11/2017
MPC5561 NXP-MPC5561 Datasheet
1Mb / 58P
Microcontroller Data Sheet
Rev. 3, June 2012
MPC5674F NXP-MPC5674F Datasheet
2Mb / 132P
MPC5674F Microcontroller Data Sheet
Rev. 11, 10/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com