Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC5603CEVLL Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MPC5603CEVLL
Description  MPC5604B/C Microcontroller Data Sheet
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5603CEVLL Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MPC5603CEVLL Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5603CEVLL Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5603CEVLL Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5603CEVLL Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5603CEVLL Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5603CEVLL Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5603CEVLL Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5603CEVLL Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5603CEVLL Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 72 page
background image
Device blocks
MPC5604B/C Microcontroller Data Sheet, Rev. 4
Freescale Semiconductor
7
Periodic interrupt timer (PIT)
Produces periodic interrupts and triggers
Power control unit (PCU)
Reduces the overall power consumption by disconnecting parts of the device
from the power supply via a power switching device; device components are
grouped into sections called “power domains” which are controlled by the PCU
Real-time counter (RTC)
A free running counter used for time keeping applications, the RTC can be
configured to generate an interrupt at a predefined interval independent of the
mode of operation (run mode or low-power mode)
Reset generation module (RGM)
Centralizes reset sources and manages the device reset sequence of the device
Static random-access memory
(SRAM)
Provides storage for program code, constants, and variables
System integration unit (SIU)
Provides control over all the electrical pad controls and up 32 ports with 16 bits
of bidirectional, general-purpose input and output signals and supports up to 32
external interrupts with trigger event configuration
System status configuration
module (SSCM)
Provides system configuration and status data (such as memory size and status,
device mode and security status), device identification data, debug status port
enable and selection, and bus and peripheral abort enable/disable
System timer module (STM)
Provides a set of output compare events to support AUTOSAR and operating
system tasks
System watchdog timer (SWT)
Provides protection from runaway code
Test control unit (TCU)
An extension of the JTAG controller module, the TCU provides the means to test
chip functionality and connectivity while remaining transparent to system logic
when not in test mode.
Table 2. MPC5604B/C series block summary (continued)
Block
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com