Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM136 Datasheet(PDF) 7 Page - Silicon Touch Technology Inc.

Part # DM136
Description  16-Bit Constant Current LED Drivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM136 Datasheet(HTML) 7 Page - Silicon Touch Technology Inc.

Back Button DM136 Datasheet HTML 3Page - Silicon Touch Technology Inc. DM136 Datasheet HTML 4Page - Silicon Touch Technology Inc. DM136 Datasheet HTML 5Page - Silicon Touch Technology Inc. DM136 Datasheet HTML 6Page - Silicon Touch Technology Inc. DM136 Datasheet HTML 7Page - Silicon Touch Technology Inc. DM136 Datasheet HTML 8Page - Silicon Touch Technology Inc. DM136 Datasheet HTML 9Page - Silicon Touch Technology Inc. DM136 Datasheet HTML 10Page - Silicon Touch Technology Inc. DM136 Datasheet HTML 11Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
DM134
、DM135、DM136
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
16-Bit Constant Current LED Drivers
-6-
Version
:A.013
Electrical Characteristics (VDD = 5.0 V, Ta = 25°C unless otherwise noted)
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
Input Voltage “H” Level
VIH
⎯
0.7VDD
⎯
VDD
Input Voltage “L” Level
VIL
⎯
GND
⎯
0.3VDD
V
Output Leakage Current
IOH
VOH = 17 V
⎯
⎯
1.0
uA
VOL
IOL = 1.0 mA
⎯
⎯
0.4
Output Voltage ( S - OUT)
VOH
IOH = -1.0 mA
4.6
⎯
⎯
V
DM134
REXT = 377
Ω
DM135
REXT = 1260
Ω
Output Current (Bit-Bit)
Δ
Iout
DM136
VOUT = 1.2V
(1 channel on)
REXT = 3830
Ω
⎯
±
1.5
±
4
%
DM134
REXT = 377
Ω
36.0
40.0
44.0
DM135
REXT = 1260
Ω
9.38
10.42
11.46
Output Current (Chip-Chip) Iout
DM136
VOUT = 1.2V
(1 channel on)
REXT = 3830
Ω
2.7
3
3.3
mA
IDM134
REXT = 377
Ω
IDM135
REXT =1260
Ω
Output Voltage Regulation
IDM136
Vout = 1.2V ~ 5.0V
(% / Vout)
REXT = 3830
Ω
⎯
0.1
0.5
% / V
Supply Voltage Regulation
% / VDD
Vdd = 4.5V ~ 5.5V
⎯
0.5
1.5
% / V
Pull-Up Resistor
RIN(up)
⎯
150
300
600
K
Ω
Pull-Down Resistor
RIN(down)
⎯
100
200
400
K
Ω
REXT = OPEN, all outputs off
⎯
7.4
10
DM134
REXT = 210
Ω, all outputs off
⎯
24
34
REXT = OPEN, all outputs off
⎯
7.4
10
DM135
REXT = 630
Ω, all outputs off
⎯
16
22
REXT = OPEN, all outputs off
⎯
7.4
10
Supply Current “OFF”
Idd
(off)
DM136
REXT = 2100
Ω, all outputs off
⎯
12
17
DM134
REXT = 210
Ω, all outputs on
⎯
26
36
DM135
REXT = 630
Ω, all outputs on
⎯
18
25
Supply Current “ON”
Idd
(on)
DM136
REXT = 2100
Ω, all outputs on
⎯
14
20
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com