Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP3 Datasheet(PDF) 22 Page - Microchip Technology

Part # MCP3
Description  2.7V 4-Channel/8-Channel 10-Bit A/D Converters with SPI Serial Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3 Datasheet(HTML) 22 Page - Microchip Technology

Back Button MCP3 Datasheet HTML 18Page - Microchip Technology MCP3 Datasheet HTML 19Page - Microchip Technology MCP3 Datasheet HTML 20Page - Microchip Technology MCP3 Datasheet HTML 21Page - Microchip Technology MCP3 Datasheet HTML 22Page - Microchip Technology MCP3 Datasheet HTML 23Page - Microchip Technology MCP3 Datasheet HTML 24Page - Microchip Technology MCP3 Datasheet HTML 25Page - Microchip Technology MCP3 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
MCP3004/3008
DS21295D-page 22
© 2008 Microchip Technology Inc.
FIGURE 6-2:
SPI Communication with the MCP3004/3008 using 8-bit segments (Mode 1,1: SCLK idles high).
6.2
Maintaining Minimum Clock Speed
When the MCP3004/3008 initiates the sample period,
charge is stored on the sample capacitor. When the
sample period is complete, the device converts one bit
for each clock that is received. It is important for the
user to note that a slow clock rate will allow charge to
bleed off the sample capacitor while the conversion is
taking place. At 85°C (worst case condition), the part
will maintain proper charge on the sample capacitor for
at least 1.2 ms after the sample period has ended. This
means that the time between the end of the sample
period and the time that all 10 data bits have been
clocked out must not exceed 1.2 ms (effective clock
frequency of 10 kHz). Failure to meet this criterion may
introduce linearity errors into the conversion outside
the rated specifications. It should be noted that during
the entire conversion cycle, the A/D converter does not
require a constant clock speed or duty cycle, as long as
all timing specifications are met.
6.3
Buffering/Filtering the Analog
Inputs
If the signal source for the A/D converter is not a low-
impedance source, it will have to be buffered or
inaccurate conversion results may occur (see Figure 4-
2). It is also recommended that a filter be used to
eliminate any signals that may be aliased back in to the
conversion results, as is illustrated in Figure 6-3, where
an op amp is used to drive, filter and gain the analog
input of the MCP3004/3008. This amplifier provides a
low-impedance source for the converter input, plus a
low-pass filter, which eliminates unwanted high-
frequency noise.
Low-pass (anti-aliasing) filters can be designed using
Microchip’s free interactive FilterLab® software.
FilterLab will calculate capacitor and resistors values,
as well as determine the number of poles that are
required for the application. For more information on fil-
tering signals, see AN699, “Anti-Aliasing Analog Filters
for Data Acquisition Systems”
.
FIGURE 6-3:
The MCP601 Operational
Amplifier is used to implement a second order
anti-aliasing filter for the signal being converted
by the MCP3004.
12
3
4
5
6
7
8
9
10 11 12 13 14 15
16
CS
SCLK
DIN
X = “Don’t Care” Bits
17 18 19 20 21 22 23
24
DOUT
DO
Don’t Care
NULL
BIT B9
B8
B6 B5 B4 B3 B2 B1 B0
HI-Z
00
0
0
0
1
XX
X
X
DO
SGL/
DIFF
XX
X
X
X
XX
X
B7 B6 B5 B4 B3 B2 B1 B0
B9 B8
0
??
?????
?
???
MCU latches data from A/D converter
on rising edges of SCLK
Data is clocked out of A/D
converter on falling edges
D1
D2
SGL
/
DIFF
Start
Bit
(Null)
D1
D2
Start
MCU Transmitted Data
(Aligned with falling
edge of clock)
MCU Received Data
(Aligned with rising
edge of clock)
B7
Data stored into MCU receive
register after transmission of first
8 bits
Data stored into MCU receive
register after transmission of
second 8 bits
Data stored into MCU receive
register after transmission of last
8 bits
?
?
00
MCP3004
VDD
10 µF
IN-
IN+
-
+
VIN
C1
C2
VREF
4.096V
Reference
1µF
1µF
0.1 µF
MCP601
R1
R2
R3
R4
MCP1541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com