Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC2186 Datasheet(PDF) 13 Page - Microchip Technology

Part # TC2186
Description  50 mA, 100 mA, and 150 mA CMOS LDOs with Shutdown and Error Output
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC2186 Datasheet(HTML) 13 Page - Microchip Technology

Back Button TC2186 Datasheet HTML 9Page - Microchip Technology TC2186 Datasheet HTML 10Page - Microchip Technology TC2186 Datasheet HTML 11Page - Microchip Technology TC2186 Datasheet HTML 12Page - Microchip Technology TC2186 Datasheet HTML 13Page - Microchip Technology TC2186 Datasheet HTML 14Page - Microchip Technology TC2186 Datasheet HTML 15Page - Microchip Technology TC2186 Datasheet HTML 16Page - Microchip Technology TC2186 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
© 2009 Microchip Technology Inc.
DS21663D-page 13
TC2054/2055/2186
5.0
THERMAL CONSIDERATIONS
5.1
Thermal Shutdown
Integrated thermal protection circuitry shuts the
regulator off when the die temperature exceeds
approximately 160°C. The regulator remains off until
the die temperature cools to approximatley 150°C.
5.2
Power Dissipation
The amount of power the regulator dissipates is
primarily a function of input and output voltage, and
output current.
Equation 5-1 is used to calculate worst case power
dissipation:
EQUATION 5-1:
The
maximum
allowable
power
dissipation
(Equation 5-2) is a function of the maximum ambient
temperature (TA
MAX), the maximum allowable die
temperature (125 °C) and the thermal resistance from
junction-to-air (
θ
JA). The 5-Pin SOT-23A package has
a
θ
JA of approximately 220°C/Watt when mounted on a
typical two layer FR4 dielectric copper clad PC board.
EQUATION 5-2:
Equation 5-1
can
be
used
in
conjunction
with
Equation 5-2 to ensure regulator thermal operation is
within limits. For example:
Actual power dissipation:
Maximum allowable power dissipation:
In this example, the TC2054 dissipates a maximum of
only 26.7 mW; far below the allowable limit of 318 mW.
In a similar manner, Equation 5-1 and Equation 5-2 can
be used to calculate maximum current and/or input
voltage limits.
5.3
Layout Considerations
The primary path of heat conduction out of the package
is via the package leads. Therefore, layouts having a
ground plane, wide traces at the pads, and wide power
supply bus lines combine to lower
θ
JA and, therefore,
increase the maximum allowable power dissipation
limit.
P
D
V
INMAX
V
OUTMIN
–
()I
LOADMAX
≈
Where:
PD
= Worst-case actual power dissipation
VINMAX
= Maximum voltage on VIN
VOUTMIN
= Minimum regulator output voltage
ILOADMAX = Maximum output (load) current
Where all terms are previously defined.
P
DMAX
T
JMAX
T
AMAX
–
θ
JA
---------------------------------------
=
Given:
VINMAX
= 3.0V +10%
VOUTMIN
= 2.7V – 2.5%
ILOADMAX =40 mA
TAMAX
= +55°C
Find:
1. Actual power dissipation
2. Maximum allowable dissipation
P
D
V
INMAX
V
OUTMIN
–
()I
LOADMAX
=
3.0
1.1
×
()
2.7
0.975
×
()
–
[]40 10
3
–
×
=
26.7mW
=
P
DMAX
T
JMAX
T
AMAX
–
θ
JA
---------------------------------------
=
125
55
–
220
---------------------
=
318mW
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com