Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC514 Datasheet(PDF) 2 Page - Microchip Technology

Part # TC514
Description  Precision Analog Front Ends with Dual Slope ADC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC514 Datasheet(HTML) 2 Page - Microchip Technology

  TC514 Datasheet HTML 1Page - Microchip Technology TC514 Datasheet HTML 2Page - Microchip Technology TC514 Datasheet HTML 3Page - Microchip Technology TC514 Datasheet HTML 4Page - Microchip Technology TC514 Datasheet HTML 5Page - Microchip Technology TC514 Datasheet HTML 6Page - Microchip Technology TC514 Datasheet HTML 7Page - Microchip Technology TC514 Datasheet HTML 8Page - Microchip Technology TC514 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
TC500/A/510/514
DS21428E-page 2
© 2008 Microchip Technology Inc.
Package Types
Typical Application
1
2
3
4
16
15
14
13
5
6
7
12
11
10
9
8
CMPTR OUT
A
DGND
B
VDD
VIN+
VIN–
VREF+
BUF
VSS
CINT
ACOM
VREF−
CREF+
CREF–
CAZ
TC500/
TC500A
16-Pin PDIP/SOIC/CERDIP
VOUT–
1
2
3
4
20
19
18
CAP–
5
6
7
8
17
23
22
21
9
10
11
12
24
25
26
27
28
DGND
A
B
CREF–
CINT
CAZ
BUF
ACOM
CH4–
CH3–
CH2–
TC514
CREF+
VREF–
VREF+
VDD
OSC
CMPTR OUT
CAP+
16
15
13
14
CH1–
N/C
CH1+
CH2+
CH3+
CH4+
A0
A1
28-Pin PDIP/SOIC
24-Pin PDIP/SOIC
1
2
3
4
16
15
14
5
6
7
8
13
19
18
17
9
10
11
12
20
21
22
23
24
TC510
CAP–
DGND
A
B
VDD
OSC
CMPTR OUT
VIN+
VIN–
N/C
N/C
CAP+
CREF–
CINT
CAZ
BUF
ACOM
N/C
N/C
N/C
VOUT–
CREF+
VREF–
VREF+
Level
Shift
Control Logic
Analog
Switch
Control
Signals
ACOM
VREF+
BUF
CAZ
Buffer
Integrator
SWR
SWIZ
CMPTR 1
CMPTR 2
CMPTR
Output
DGND
Control Logic
SW1
TC500
TC500A
TC510
TC514
CREF
CREF+
SWR
CREF-
CAZ
RINT
CINT
CINT
SWRI- SWRI-
SWRI+ SWRI-
SWZ
SWI
SWZ
VSS
OSC
+
+
+
Phase
Decoding
Logic
Polarity
Detection
DC-TO-DC
Converter
(TC510 & TC514)
-
+
A
B
0
0
Zero Integrator Output
0
1
Auto-Zero
1
0
Signal Integrate
1
1
De-integrate
VREF-
VOUT-
COUT-
1.0 μF
1.0 μF
VSS
SWI
B
A
A0
A1
DIF.
MUX
(TC514)
CH1+
CH2+
CH3+
CH4+
CH1-
CH2-
CH3-
CH4-
CAP- CAP+
(TC500
TC500A)
Converter Sate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com