Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PX-2600-RCT-KB Datasheet(PDF) 1 Page - Vectron International, Inc

Part # PX-2600-RCT-KB
Description  Crystal Oscillator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

PX-2600-RCT-KB Datasheet(HTML) 1 Page - Vectron International, Inc

  PX-2600-RCT-KB Datasheet HTML 1Page - Vectron International, Inc PX-2600-RCT-KB Datasheet HTML 2Page - Vectron International, Inc PX-2600-RCT-KB Datasheet HTML 3Page - Vectron International, Inc PX-2600-RCT-KB Datasheet HTML 4Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PX-260
Crystal Oscillator
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Miniature Hybrid Design
•
Frequency Range: 4 MHZ to 700 MHZ
•
Previous Model: CO-434, CO-454, CO-484
•
Features
Applications
PX-260
Parameter
Min
Typ
Max
Units
Condition
Frequency Stabilities1
vs. operating temperature range
(referenced to +25°C)
-5
-10
-25
-50
-50
-100
+5
+10
+25
+50
+50
+100
ppm
ppm
ppm
ppm
ppm
pbm
0… +50°C
0… +50°C
0… +70°C (standard)
-55… +85°C
-55… +125°C
-55… +125°C
Initial tolerance
-50
-25
-15
-10
-1
+50
+25
+15
+10
+1
ppm
ppm
ppm
ppm
ppm
@+25°C
@+25°C
@+25°C
@+25°C
Set via external capacitor (custom number required)
vs. aging / 1 year
vs. aging / year (following years)
-3
-2
+3
+2
ppm
ppm
after 30 days of operation
Supply Voltage (Vs)
Supply voltage (Standard)
14.75
15.0
15.25
VDC
Supply voltage
-5.2
VDC
@< 45 mA to 110 MHz,
@< 70 mA above 110 MHz
Supply voltage
-4.5
VDC
@< 60 mA
Current
45
70
60
mA
mA
mA
to 110 MHz @ -5.2V
above 110 MHz @ -5.2V
@ -4.5V
Performance Speci cations


Similar Part No. - PX-2600-RCT-KB

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
PX-260 VECTRON-PX-260 Datasheet
283Kb / 4P
Crystal Oscillator
logo
Brainboxes Limited
PX-260 BRAINBOXE-PX-260 Datasheet
765Kb / 2P
LP PCIe 4xRS232 1MBaud
PX-260. BRAINBOXE-PX-260. Datasheet
765Kb / 2P
LP PCIe 4xRS232 1MBaud
More results

Similar Description - PX-2600-RCT-KB

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
TG-2832CB EPSONTOYOCOM-TG-2832CB Datasheet
477Kb / 1P
Crystal oscillator
logo
ECM Electronics Limited...
GBS303 ECM-GBS303 Datasheet
111Kb / 1P
Crystal Oscillator
logo
Epson ToYoCom
EG-2002CA EPSONTOYOCOM-EG-2002CA Datasheet
325Kb / 2P
CRYSTAL OSCILLATOR
SG-771PCD EPSONTOYOCOM-SG-771PCD Datasheet
366Kb / 2P
CRYSTAL OSCILLATOR
SG-8002JC EPSONTOYOCOM-SG-8002JC Datasheet
533Kb / 4P
CRYSTAL OSCILLATOR
logo
Vectron International, ...
PX-7000-DAC-D VECTRON-PX-7000-DAC-D Datasheet
449Kb / 6P
Crystal Oscillator
PX-571 VECTRON-PX-571 Datasheet
1Mb / 8P
Crystal Oscillator
logo
NIHON DEMPA KOGYO
7311S-DF-104P NDK-7311S-DF-104P Datasheet
469Kb / 2P
Crystal Oscillator
logo
Epson ToYoCom
SG-3031CM EPSONTOYOCOM-SG-3031CM Datasheet
503Kb / 2P
Crystal Oscillator
VG5032EDN EPSONTOYOCOM-VG5032EDN Datasheet
553Kb / 2P
Crystal Oscillator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com