Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP706CP Datasheet(PDF) 7 Page - Exar Corporation

Part # SP706CP
Description  Low Power Microprocessor Supervisory Circuits
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP706CP Datasheet(HTML) 7 Page - Exar Corporation

Back Button SP706CP Datasheet HTML 3Page - Exar Corporation SP706CP Datasheet HTML 4Page - Exar Corporation SP706CP Datasheet HTML 5Page - Exar Corporation SP706CP Datasheet HTML 6Page - Exar Corporation SP706CP Datasheet HTML 7Page - Exar Corporation SP706CP Datasheet HTML 8Page - Exar Corporation SP706CP Datasheet HTML 9Page - Exar Corporation SP706CP Datasheet HTML 10Page - Exar Corporation SP706CP Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
June 2008 Rev C
SP705 Low Power Microprocessor Supervisory Circuits
© 2008 Exar Corporation
Figure 7A. SP705/707 RESET Response Time
Figure 7B. Circuit for the SP705/707 RESET Response
Time
Figure 8. SP707 RESET and RESET Assertion
Figure 9. SP707 RESET and RESET De-Assertion
Figure 10. Circuit for the SP707 RESET and RESET Assertion and De-Assertion
330pF
10K
Ω
VCC
TA = +25
oC
VCC
RESET
RESET
GND
330pF
VCC
TA = +25
oC
10K
Ω
RESET
RESET
330pF
10K
Ω
GND
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com