Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADIS16240ABCZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADIS16240ABCZ
Description  Low Power, Programmable Impact Sensor and Recorder
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16240ABCZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADIS16240ABCZ Datasheet HTML 4Page - Analog Devices ADIS16240ABCZ Datasheet HTML 5Page - Analog Devices ADIS16240ABCZ Datasheet HTML 6Page - Analog Devices ADIS16240ABCZ Datasheet HTML 7Page - Analog Devices ADIS16240ABCZ Datasheet HTML 8Page - Analog Devices ADIS16240ABCZ Datasheet HTML 9Page - Analog Devices ADIS16240ABCZ Datasheet HTML 10Page - Analog Devices ADIS16240ABCZ Datasheet HTML 11Page - Analog Devices ADIS16240ABCZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADIS16240
Rev. 0 | Page 8 of
16
THEORY OF OPERATION
The ADIS16240 is a triple-axis accelerometer system for shock
detection and recording applications. This sensing system collects
data autonomously and makes it available to any processor system
that supports a 4-wire serial peripheral interface (SPI).
SENSING ELEMENT
Digital shock sensing starts with the triple-axis MEMS sensing
element in the ADIS16240. This element provides a linear motion-
to-electrical transducer function. Figure 11 provides a basic
physical diagram of the sensing element and its response to
linear acceleration. It uses a fixed frame and a moving frame to
form a differential capacitance network that responds to linear
acceleration. Tiny springs tether the moving frame to the fixed
frame and govern the relationship between acceleration and
physical displacement. A modulation signal on the moving plate
feeds through each capacitive path into the fixed frame plates
and into a demodulation circuit, which produces the electrical
signal that is proportional to the acceleration acting on the device.
MOVABLE
FRAME
UNIT
FORCING
CELL
UNIT SENSING
CELL
MOVING
PLATE
FIXED
PLATES
PLATE
CAPACITORS
ANCHOR
ANCHOR
Figure 11. MEMS Sensor Diagram
DATA SAMPLING AND PROCESSING
The analog acceleration signals feed into an analog-to-digital
converter stage that passes digitized data into the controller for
data processing and capture. The ADIS16240 runs autonomously,
based on the configuration in the user control registers.
MEMS
SENSOR
CLOCK
CONTROLLER
INPUT/OUTPUT
FUNCTIONS
CAPTURE
BUFFER
CONTROL
REGISTERS
OUTPUT
REGISTERS
Figure 12. Simplified Sensor Signal Processing Diagram
USER INTERFACE
SPI Interface
Data collection and configuration commands both use the SPI,
which consists of four wires. The chip select (CS) signal activates
the SPI interface, and the serial clock (SCLK) synchronizes the
serial data lines. The serial input data clocks into DIN on the rising
edge of SCLK, and the serial output data clocks out of DOUT on
the falling edge of SCLK. Many digital processor platforms
support this interface with dedicated serial ports and simple
instruction sets.
User Registers
The user registers provide addressing for all input/output
operations on the SPI interface. Each 16-bit register has its own
unique bit assignment and has two 7-bit addresses: one for its
upper byte and one for its lower byte. Table 7 provides a memory
map for each register and identifies output registers as read only
(R) and configuration registers as either read/write (R/W) or write
only (W). The control registers use a dual-memory structure. The
SRAM controls operation while the part is on and facilitates all user
configuration inputs. The flash memory provides nonvolatile stor-
age for the control registers that are identified with a “yes” in the
flash backup column in Table 7. Storing configuration data in the
flash memory requires a manual command (see GLOB_CMD[3]
in Table 24). When the device starts up from an initial power-up
or reset, the flash memory contents load into the SRAM. Then
the device starts producing data according to the configuration
in the control registers.
NONVOLATILE
FLASH MEMORY
(NO SPI ACCESS)
MANUAL
FLASH
BACKUP
START-UP
RESET
VOLATILE
SRAM
(SPI ACCESS)
Figure 13. Control Registers—SRAM and Flash Memory Diagram
CAPTURE
The ADIS16240 offers a recorder function that captures
acceleration information based on either internal or external
triggers. The buffer memory is 3 × 8192 samples and is capable
of storing multiple trigger events.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com