Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS5LC512K8F-25L/883C Datasheet(PDF) 4 Page - Austin Semiconductor

Part # AS5LC512K8F-25L/883C
Description  512K x 8 SRAM 3.3 VOLT HIGH SPEED SRAM with CENTER POWER PINOUT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS5LC512K8F-25L/883C Datasheet(HTML) 4 Page - Austin Semiconductor

  AS5LC512K8F-25L/883C Datasheet HTML 1Page - Austin Semiconductor AS5LC512K8F-25L/883C Datasheet HTML 2Page - Austin Semiconductor AS5LC512K8F-25L/883C Datasheet HTML 3Page - Austin Semiconductor AS5LC512K8F-25L/883C Datasheet HTML 4Page - Austin Semiconductor AS5LC512K8F-25L/883C Datasheet HTML 5Page - Austin Semiconductor AS5LC512K8F-25L/883C Datasheet HTML 6Page - Austin Semiconductor AS5LC512K8F-25L/883C Datasheet HTML 7Page - Austin Semiconductor AS5LC512K8F-25L/883C Datasheet HTML 8Page - Austin Semiconductor AS5LC512K8F-25L/883C Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
AS5LC512K8
AS5LC512K8
Rev. 2.1 08/09
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
4
Austin Semiconductor, Inc.
ELECTRICAL CHARACTERISTICS AND RECOMMENDED AC OPERATING CONDITIONS
(-55oC < T
A
< +125oC or -40oC to +85oC; Vcc = 3.3V +0.3%)
DESCRIPTION
SYM
-12
-15
-20
-25
UNITS NOTES
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
READ CYCLE
Read Cycle Time
tRC
12
15
20
25
ns
Address Access Time
tAA
12
15
20
25
ns
Chip Enable Access Time
tACE
12
15
20
25
ns
Output Hold From Address Change
tOH
2222
ns
Chip Enable to Output in Low-Z
tLZCE
2222
ns
4, 6, 7
Chip Disable to Output in High-Z
tHZCE
6789
ns
4, 6, 7
Output Enable Acess Time
tAOE
6789
ns
Output Enable to Output in Low-Z
tLZOE
0000
ns
4, 6, 7
Output Disable to Output in High-Z
tHZOE
6789
ns
4, 6, 7
WRITE CYCLE
WRITE Cycle Time
tWC
12
15
20
25
ns
Chip Enable to End of Write
tCW
8
101213
ns
Address Valid to End of Write
tAW
8
101213
ns
Address Setup Time
tAS
0000
ns
Address Hold From End of Write
tAH
0000
ns
WRITE Pulse Width
tWP
10
12
15
15
ns
Data Setup Time
tDS
6788
ns
Data Hold Time
tDH
1111
ns
Write Disable to Output in Low-Z
tLZWE
2222
ns
4, 6, 7
Write Enable to Output in High-Z
tHZWE
5677
ns
4, 6, 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com