Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

507T175J0903H Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 507T175J0903H
Description  Micro-D Backshells EMI, Banding, Elliptical, One Piece 507-175
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

507T175J0903H Datasheet(HTML) 1 Page - Glenair, Inc.

  507T175J0903H Datasheet HTML 1Page - Glenair, Inc. 507T175J0903H Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2006 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
L-19
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
H
J
K
L
M
N
P
HOW TO ORDER 507-175 EMI BACKSHELLS
Series
Shell Finish
Connector
Size
Cable Entry Code
Hardware Option
Top Entry
507T175
Side Entry
507S175
45° Entry
507E175
E – Chem Film
(Alodyne)
J – Cadmium, Yellow
Chromate
M – Electroless
Nickel
NF – Cadmium,
Olive Drab
Z2 – Gold
09
15
21
25
31
37
51
51-2
67
69
100
Omit (Leave Blank)
Fillister Head Jackscrew
H – Hex Head Jackscrew
E – Extended Jackscrew
F – Jackpost, Female
Sample Part Number
507E175
M
25
04
D
E
Micro-D Backshells
EMI, Banding, Elliptical, One Piece 507-175
17-7PH Stainless Steel Clips attach the backshell to the
connector. These backshells accept standard and
micro BAND-IT® shield termination straps.
Straight, 45° and Right Angle elliptical backshell
provides plenty of working room for complicated wiring
situations.
Rugged One-Piece Aluminum Shell with stainless steel
hardware, available in standard nickel plating, or choose
optional finishes.
Size
D
E
Available
on Shell
Size
In.
± .010
mm.
± 0.25
In.
± .010
mm.
± 0.25
01
.344
8.74
.290
7.37
09 Thru 100
02
.494 12.55
.290
7.37
15 Thru 100
03
.644 16.36
.290
7.37
21 Thru 100
04
.744 18.90
.304
7.72
25 Thru 100
05
.894 21.34
.304
7.72
31 Thru 100
06
.994 25.25
.304
7.72
37 Thru 100
07
1.044 26.52
.304
7.72
37 and 100
08
1.024 26.01
.384
9.75
100


Similar Part No. - 507T175J0903H

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
507T175J0903 GLENAIR-507T175J0903 Datasheet
218Kb / 2P
EMI/RFI Elliptical Banding Backshell
More results

Similar Description - 507T175J0903H

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
500T010E09B04 GLENAIR-500T010E09B04 Datasheet
320Kb / 2P
Micro-D Backshells EMI, Banding, Round Cable Entry, One Piece
500T12-E09B GLENAIR-500T12-E09B Datasheet
89Kb / 1P
Micro-D Backshells Strain Relief, Qwik-Ty, One Piece
500-016-E09BN4-06 GLENAIR-500-016-E09BN4-06 Datasheet
101Kb / 1P
Micro-D Backshells Switching/Shorting, One Piece 500-016
500-047-E09BB GLENAIR-500-047-E09BB Datasheet
97Kb / 1P
Micro-D Backshells EMI, Elliptical, One Piece 500-047
507-035-E09H GLENAIR-507-035-E09H Datasheet
95Kb / 1P
Micro-D Backshells Potting Shell 507-035
507T088XM09B04 GLENAIR-507T088XM09B04 Datasheet
359Kb / 2P
Micro-D Backshells EMI, Composite, Round Cable Entry 507-088
507-142-E09B GLENAIR-507-142-E09B Datasheet
98Kb / 1P
Micro-D Backshells Dual Entry EMI, One Piece 507-142
507-145-E09B GLENAIR-507-145-E09B Datasheet
84Kb / 1P
Micro-D Backshells EMI Split Backshell, Round Cable Entry 507-145
507-164C0904BB GLENAIR-507-164C0904BB Datasheet
263Kb / 2P
EMI/RFI Split Banding Micro-D Backshell Elliptical Entry
507-178E0904BH GLENAIR-507-178E0904BH Datasheet
161Kb / 2P
Micro-D Backshells EMI, Banding, Elliptical, Split
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com