Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

nechip Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # nechip
Description  Serial to ethernet,ethernet to serial module,Serial to IP,RS232 interface/USER MANUAL
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

nechip Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button nechip Datasheet HTML 15Page - List of Unclassifed Manufacturers nechip Datasheet HTML 16Page - List of Unclassifed Manufacturers nechip Datasheet HTML 17Page - List of Unclassifed Manufacturers nechip Datasheet HTML 18Page - List of Unclassifed Manufacturers nechip Datasheet HTML 19Page - List of Unclassifed Manufacturers nechip Datasheet HTML 20Page - List of Unclassifed Manufacturers nechip Datasheet HTML 21Page - List of Unclassifed Manufacturers nechip Datasheet HTML 22Page - List of Unclassifed Manufacturers nechip Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 77 page
background image
CONEXTOP NEPORT User Manual
Chapter 3 Parameters
3-2
Caution:
As the two remote access methods, if the HTTP and TELNET are disabled, the device can not be
accessed by network.
3.2 Network
3.2.1 Automatic IP address configuration
parameter
contents
BOOTP
Whether or not to allow BOOTP to obtain IP address.
DHCP
Whether or not to allow DHCP to obtain IP address.
AutoIP
Whether or not to allow AutoIP to obtain IP address.
DHCP Host Name
DHCP server host name.
Table 3-2 Automatic IP address configuration
Note:
DHCP protocol is developed based on the BOOTP protocol and is compatible with BOOTP
protocol, if is not clear, the best choice is DHCP, because BOOTP protocol protocol can not be
compatible with DHCP.
3.2.2 Static IP address configuration
parameter
contents
IP Address
Static ip address of device.
Subnet
Ip address network mask
Default Gateway
Gateway of network.
Preferred DNS server
The 1st DNS server to use when query.
Alternate DNS server
The second DNS server to use when query.
Table 3-3 static IP address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com