Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NeChip Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # NeChip
Description  Serial to ethernet,ethernet to serial module,Serial to IP,RS232 interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NeChip Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  NeChip Datasheet HTML 1Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 2Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 3Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 4Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 5Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 6Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 7Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 8Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
NePort Overview
Conextop Technologies target at providing the most reliable and security M2M solution for
the worldwide customers, and NePort is the most compact serial-IP module released in 2002,
which has embedded all in a standard RJ45 connector, Neport is powered by our network
processor SoC(Nechip), which includes a 10/100 MAC/PHY and 256 KB of SRAM on chip.
It features a built-in web server for communications with a device via a standard Internet
browser. Web capability can be used for remote configuration, real-time monitoring or
troubleshooting. Neport has 512 KB of on-chip Flash for web pages and software upgrades.
It acts as a dedicated co-processor that optimizes network activities permitting the host
microprocessor to function at maximum efficiency.
1. Features:
◆
Embed Web Server
Support update customized web
◆
Embed Telnet Server
◆
Provide RS232/422/485 signals.Can communicate with any devices with serial port
◆
Port buffer for every serial port
◆
High efficient Device Management and Trouble shoot tools
◆
All parameters can be configured through internal web server
◆
Provide serial login mode and configure system through serial port
◆
Telnet server enables remote management
◆
Email Alarm and data encryption
2. Product Character:
◆
The most compact size, High intefration
compatible with standard RJ45 connector
◆
High Performance, High Reliability, Industrial Temerature
◆
32bits RISC NP7 series
(NeChip NP7 series)
ARM7TDMI 55DMIPS
◆
128KB SRAM
(EN: 256KB SRAM)
256KB/512KB Code + 32KB Boot
◆
10/100Mbps Ethernet Interface (Auto sensing))
◆
Provide 1-3 high speed serial ports
◆
Serial Port: selectable Data bite 5.6.7.8 bits
◆
 Serial Port: selectable stop bite 1,2 bits
◆
 Baud rate: 110 – 460800bps
110 – 921600bps (EN Version)
◆
 Provide RS485/422 controller
◆
 Smart/High reliability networking stacks:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com