| Electronic Components Datasheet Search |
|
PRO-BLADE8 Datasheet(PDF) 4 Page - rfsolutions.ltd |
|
|
|||||||||||||||||||||||||||||
PRO-BLADE8 Datasheet(HTML) 4 Page - rfsolutions.ltd |
|
4 / 6 page ![]() DS-PROBLADE-1 Oct ’07 ©2007 RF Solutions Ltd, www.rfsolutions.co.uk Page 4 PRO Professional Radio Control Blade 1.2 Mapping a Transmitter Switch to a 210 Receiver Output One or many transmitter switches may be mapped to one or many 210Rx outputs. Decide which switch on the Transmitter is to operate which output channel on the 210 receiver/decoder. 1. Press the 210 Rx learn switch until the led lights the desired output channel. 2. Operate the desired transmitter switch briefly 3. The LED on the 210Rx will extinguish. 4. Operate the desired transmitter switch briefly again 5. The LED on the 210Rx will turn on briefly and then extinguish. 6. The selected transmitter switch will operate the 210Rx output channel. This procedure may be repeated for each transmitter and each 210Rx output required. 1.3 Configuration of the 210Rx Receiver Decoder Outputs Option links LK 1-16 configure the operation of the outputs. Please note that the link status is read only on ‘power up’ and thus after changing the links, power must be removed and re-applied. LK 1–16 Output 1 Outputs 2 -16 Open Mom or Timed Mom (The O/P operates for as long as the transmitter switch is held on) Connected Latch or Timed Latch (The O/P changes state each time the Transmitter is operated) 1.3.1 Setting the Timed output (Channel 1) This is set by VR1 with a delay of from 0 to 15 minutes. To set the time delay: 1. Remove power. 2. Place a shorting link header on option link J8. 3. Apply power 4. Depress and release the learn button twice. 5. The 210Rx will then enter the ‘time set mode’ 6. LED1 will illuminate, indicating that output 1 time delay is to be set. 7. Using a fine screwdriver, adjust potentiometer VR1. 8. An indication of the time delay set is shown by LED’s 9-15. After setting the timed output the unit must be powered down and option link header J8 removed before it can be used. 1.4 Erasing the 210Rx Receiver Outputs (Return to Factory Default State) 1. To completely erase the 210Rx decoder’s memory, press and hold the 210Rx learn switch. 2. The learn LED (LED 17) will illuminate 3. Hold the Learn switch until the learn LED extinguishes (approx 10 seconds). 4. Release the learn button and all the output LED’s 1-16 will now flash alternately to indicate that all encoder data has been erased and the 210Rx has returned to factory default state. Note: It is not possible erase individual transmitters. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |