Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS1206B-R80 Datasheet(PDF) 6 Page - PREMO CORPORATION S.L

Part # PS1206B-R80
Description  SMD Power Inductors Shielded
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

PS1206B-R80 Datasheet(HTML) 6 Page - PREMO CORPORATION S.L

  PS1206B-R80 Datasheet HTML 1Page - PREMO CORPORATION S.L PS1206B-R80 Datasheet HTML 2Page - PREMO CORPORATION S.L PS1206B-R80 Datasheet HTML 3Page - PREMO CORPORATION S.L PS1206B-R80 Datasheet HTML 4Page - PREMO CORPORATION S.L PS1206B-R80 Datasheet HTML 5Page - PREMO CORPORATION S.L PS1206B-R80 Datasheet HTML 6Page - PREMO CORPORATION S.L PS1206B-R80 Datasheet HTML 7Page - PREMO CORPORATION S.L PS1206B-R80 Datasheet HTML 8Page - PREMO CORPORATION S.L  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PS1204 , PS1205A , PS1205B ,
PS1206 & PS1206B
SMD Power Inductors Shielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com Web http://www.grupopremo.com
SMD Power Inductors
P
PPR
R
RE
EEM
M
MO
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
6
7. Packaging Information
P : 16mm
4 mm
End
Start
Leader
Trailer
no component
Components
no component
200 mm min.
400 mm min.
User direction of feed
Dimensions [mm]
Style
A
B
C
D
G
N
T
13 – 24
330
21±0.8
13
24
26+0
50-0
30.4
Inner : Reel
Outer : Carton
Series
Q’TY(pcs)
G.W.(gw)
Style
Q’TY(pcs)
G.W.(Kg)
Size(cm)
PS1204
800
2,150
13 – 24
3,200
11.30
40 x 40 x 24
PS1205A
600
2,150
13 – 24
2,400
11.30
40 x 40 x 24
PS1205B
600
2,150
13 - 24
2,400
11.30
40 x 40 x 24
PS1206
600
2,150
13 – 24
2,400
11.30
40 x 40 x 24
PS1206B
600
2,150
13 - 24
2,400
11.30
40 x 40 x 24



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com