| Electronic Components Datasheet Search |
|
TUSB3200CPAH Datasheet(PDF) 39 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TUSB3200CPAH Datasheet(HTML) 39 Page - Texas Instruments |
|
39 / 93 page ![]() 2–23 2.2.14.2 Single Byte Write As shown is Figure 2-4, a single byte data write transfer begins with the master device transmitting a start condition followed by the I2C device address and the read/write bit. The read/write bit determines the direction of the data transfer. For a write data transfer, the read/write bit should be a 0. After receiving the correct I2C device address and the read/write bit, the I2C slave device should respond with an acknowledge bit. Next, the TUSB3200 should transmit the address byte or bytes corresponding to the I2C slave device internal memory address being accessed. After receiving the address byte, the I2C slave device should again respond with an acknowledge bit. Next, the TUSB3200 device should transmit the data byte to be written to the memory address being accessed. After receiving the data byte, the I2C slave device should again respond with an acknowledge bit. Finally, the TUSB3200 device should transmit a stop condition to complete the single byte data write transfer. A6 A5 A4 A3 A2 A1 A0 R/W ACK A7 A6 A5 A4 A3 A2 A1 A0 ACK D7 D6 D5 D4 D3 D2 D1 D0 ACK Start Condition Stop Condition Acknowledge Acknowledge Acknowledge I2C Device Address and Read/Write Bit Memory or Register Address Data Byte SDA Figure 2–4. Single Byte Write Transfer 2.2.14.3 Multiple Byte Write A multiple byte data write transfer is identical to a single byte data write transfer except that multiple data bytes are transmitted by the TUSB3200 device to the I2C slave device as shown in Figure 2-5. After receiving each data byte, the I2C slave device should respond with an acknowledge bit. D7 D6 D1 D0 ACK Stop Condition Acknowledge I2C Device Address and Read/Write Bit Memory or Register Address Last Data Byte A6 A5 A1 A0 R/W ACK A7 A5 A1 A0 ACK D7 D6 D1 D0 ACK Start Condition Acknowledge Acknowledge Acknowledge SDA First Data Byte A4 A3 A6 Other Data Bytes Figure 2–5. Multiple Byte Write Transfer 2.2.14.4 Single Byte Read As shown in Figure 2-6, a single byte data read transfer begins with the TUSB3200 device transmitting a start condition followed by the I2C device address and the read/write bit. For the data read transfer, both a write followed by a read are actually done. Initially, a write is done to transfer the address byte or bytes of the internal memory address to be read. As a result, the read/write bit should be a 0. After receiving the I2C device address and the read/write bit, the I2C slave device should respond with an acknowledge bit. Also, after sending the internal memory address byte or bytes, the TUSB3200 device should transmit another start condition followed by the I2C slave device address and the read/write bit again. This time the read/write bit should be a 1 indicating a read transfer. After receiving the I2C device address and the read/write bit the I2C slave device should again respond with an acknowledge bit. Next, the I2C slave device should transmit the data byte from the memory address being read. After receiving the data byte, the TUSB3200 device should transmit a not-acknowledge followed by a stop condition to complete the single byte data read transfer. A6 A5 A0 R/W ACK A7 A6 A5 A4 A0 ACK A6 A5 A0 ACK Start Condition Stop Condition Acknowledge Acknowledge Acknowledge I2C Device Address and Read/Write Bit Memory or Register Address Data Byte SDA D7 D6 D1 D0 ACK I2C Device Address and Read/Write Bit Repeat Start Condition Not Acknowledge R/W A1 A1 Figure 2–6. Single Byte Read Transfer |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |