Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASM161SEUSF/T Datasheet(PDF) 4 Page - PulseCore Semiconductor

Part # ASM161SEUSF/T
Description  關P Supervisory Circuit
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM161SEUSF/T Datasheet(HTML) 4 Page - PulseCore Semiconductor

  ASM161SEUSF/T Datasheet HTML 1Page - PulseCore Semiconductor ASM161SEUSF/T Datasheet HTML 2Page - PulseCore Semiconductor ASM161SEUSF/T Datasheet HTML 3Page - PulseCore Semiconductor ASM161SEUSF/T Datasheet HTML 4Page - PulseCore Semiconductor ASM161SEUSF/T Datasheet HTML 5Page - PulseCore Semiconductor ASM161SEUSF/T Datasheet HTML 6Page - PulseCore Semiconductor ASM161SEUSF/T Datasheet HTML 7Page - PulseCore Semiconductor ASM161SEUSF/T Datasheet HTML 8Page - PulseCore Semiconductor ASM161SEUSF/T Datasheet HTML 9Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
April 2008
ASM161/ASM162
rev 1.5
µP Supervisory Circuit
4 of 9
Notice: The information in this document is subject to change without notice.
Application Information
Glitch Resistance
The ASM161/162 are relatively immune to short duration
negative-going VCC transients/glitches. A VCC transient
that goes 100mV below the reset threshold and lasts 20s
or less will not typically cause a reset pulse.
Valid Reset with VCC under 1.1V
To ensure that logic inputs connected to the ASM162
RESET pin are in a known state when VCC is under 1.1V,
a 100k
Ω pull-down resistor at RESET is needed. The
value is not critical.
This scheme does not work with the open-drain outputs
of ASM161.
Absolute Maximum Ratings
Parameter
Min
Max
Unit
Pin Terminal Voltage with Respect to Ground
VCC
-0.3
6.0
V
RESET, RESET and MR
-0.3
VCC + 0.3
V
Input Current at VCC and MR
20
mA
Rate of Rise at VCC
100
V/µs
Power Dissipation (TA = 70°C)
320
mW
Operating Temperature Range
-40
85
°C
Storage Temperature Range
-65
160
°C
Lead Temperature (soldering, 10 sec)
300
°C
ESD rating
HBM
MM
2
200
KV
V
Note: These are stress ratings only and functional operation is not implied. Exposure to absolute maximum ratings for prolonged time periods may
affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com