Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASM1834U Datasheet(PDF) 7 Page - PulseCore Semiconductor

Part # ASM1834U
Description  Dual 5V and 3.3V 關P Power Supply Supervisor with Manual Reset
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM1834U Datasheet(HTML) 7 Page - PulseCore Semiconductor

Back Button ASM1834U Datasheet HTML 2Page - PulseCore Semiconductor ASM1834U Datasheet HTML 3Page - PulseCore Semiconductor ASM1834U Datasheet HTML 4Page - PulseCore Semiconductor ASM1834U Datasheet HTML 5Page - PulseCore Semiconductor ASM1834U Datasheet HTML 6Page - PulseCore Semiconductor ASM1834U Datasheet HTML 7Page - PulseCore Semiconductor ASM1834U Datasheet HTML 8Page - PulseCore Semiconductor ASM1834U Datasheet HTML 9Page - PulseCore Semiconductor ASM1834U Datasheet HTML 10Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7 of 10
Notice: The information in this document is subject to change without notice
Dual 5V and 3.3V µP Power Supply Supervisor with Manual Reset
ASM1834/A/D
November 2006
rev 1.5
DC Electrical Characteristics
Unless otherwise noted, VIN = 1.2V to 5.5V and specifications are over the operating temperature range of -40°C to 85°C.
(Note: 3.3VIN is always < = 5VIN)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Current
IOH
Output = 2.4V. Either 3.3VIN or 5.5VIN
>=2.7V
(ASM1834/1834D only)
350
µA
Output Current
IOL
Output = 0.4V. Either 3.3VIN or 5.5VIN
>=2.7V
(ASM1834/1834D only)
10
mA
Output Voltage
VOH
VIN - 0.1V
V
Input Leakage
IIL
-1.0
+1.0
µA
5V Operating Current
ICC
3.3VIN and 5VIN<=5.5V, RESET
outputs open.
16
30
µA
3.3V Operating Current
ICC
3.3VIN and 5VIN<=3.6V, RESET
outputs open.
12
25
µA
5V Trip Point
VINTP
5VTOL = GND
4.50
4.63
4.75
V
5V Trip Point
VINTP
5VTOL = 5VIN
4.25
4.38
4.49
V
3.3V Trip Point
VINTP
3.3VTOL = GND
2.80
2.88
2.97
V
3.3V Trip Point
VINTP
3.3VTOL = 3.3VIN
2.47
2.55
2.64
V
Output Capacitance
COUT
10
pF
PBRST Manual Reset
Minimum Low Time
tPB
2ms
PBRST Stable LOW to
reset Active
tPDLY
2ms
Reset Active Time
tRST
200
350
500
ms
VCC Slew Rate
tF
VINTP(MAX) to VINTP(MIN)
300
µs
VCC Slew Rate
tR
VINTP(MIN) to VINTP(MAX)
0ns
VCC Detect to RESET
or RESET
tRPU
trise = 5µs
200
350
500
ms
VCC Detect Noise
Immunity
tRPD
2µs



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com