| Electronic Components Datasheet Search |
|
CF-SERIES Datasheet(PDF) 2 Page - IRC - a TT electronics Company. |
|
|
|||||||||||||||||||||||||||||
CF-SERIES Datasheet(HTML) 2 Page - IRC - a TT electronics Company. |
|
2 / 3 page ![]() • 4222 South Staples Street • Corpus Christi Texas 78411 USA Wire and Film Technologies Division Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com Physical Data General Purpose Carbon Film Resistors Dimensions (inches and (mm)) Dimension CF 1/8 CF 1/4 CF 1/2 A 1.10 ± .08 (28.0 ± 2.0) B 0.13 + .01/-.00 (3.2 + 0.2/-0.0) 0.24 ± .01 (6.0 ± 0.3) 0.33 ± .02 (8.5 ± 0.5) C 0.018 ± .001 (0.45 ± 0.02) 0.022 ± .001 (0.55 ± 0.03) 0.026 ± .002 (0.65 ± 0.05) D 0.07 ± .01 (1.8 ± 0.15) 0.09 ± .01 (2.3 ± 0.2) 0.11 ± .01 (2.8 ± 0.3) Construction 1. COLOR BANDS. The resistors are permanently color banded for resistance value and tolerance in accordance with EIA specifications. 2. HELIXING. The units are helixed to a predetermined base to final value ratio to obtain the best TCR, noise and stability characteristics. 3. FILM. Carbon-film resistors have a homogeneous film of pure carbon deposited by a pyrolitic process at carefully controlled temperatures. 4. SUBSTRATES. The substrates are of a proprietary non alkaline ceramic, prepared and processed under exacting conditions to guarantee the utmost in uniformity and surface characteristics. 5. INSULATION. The resistors are coated with multiple layers of a baked-on fire-retardant synthetic resin which provides the units with a high degree of mechanical and electrical protection in the most adverse operating conditions. 6. TERMINATIONS. Positive contact is provided to the resistance element by precision-made end caps. The lead wires are attached by using proprietary welding techniques. B C A A D 1 2 3 4 5 6 CF Series Issue August 2008 Sheet 2 of 3 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |