Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE2071CD Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2071CD
Description  EXCALIBUR LOW-NOISE HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2071CD Datasheet(HTML) 65 Page - Texas Instruments

Back Button TLE2071CD Datasheet HTML 61Page - Texas Instruments TLE2071CD Datasheet HTML 62Page - Texas Instruments TLE2071CD Datasheet HTML 63Page - Texas Instruments TLE2071CD Datasheet HTML 64Page - Texas Instruments TLE2071CD Datasheet HTML 65Page - Texas Instruments TLE2071CD Datasheet HTML 66Page - Texas Instruments TLE2071CD Datasheet HTML 67Page - Texas Instruments TLE2071CD Datasheet HTML 68Page - Texas Instruments TLE2071CD Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 77 page
background image
TLE207x, TLE207xA, TLE207xY
EXCALIBUR LOW-NOISE HIGH-SPEED
JFET-INPUT OPERATIONAL AMPLIFIERS
SLOS181A – FEBRUARY 1997 – REVISED MARCH 2000
65
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 58
10
100
1 k
10 k
100 k
f – Frequency – Hz
0.001
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
FREQUENCY
0.01
0.1
1
Filter: 10-Hz to 500-kHz Band Pass
AV = 10, RL = 2 kΩ
AV = 10, RL = 600 Ω
AV = 100, RL = 2 kΩ
AV = 100, RL = 600 Ω
VCC
± = ±15 V
VO(PP) = 20 V
TA = 25°C
Figure 59
10
9
8
7
020
40
60
11
12
UNITY-GAIN BANDWIDTH
vs
LOAD CAPACITANCE
13
80
100
VCC
± = ±15 V
CL – Load Capacitance – pF
VIC = 0
VO = 0
RL = 2 kΩ
TA = 25°C
Figure 60
TA – Free-Air Temperature – °C
10
9
8
7
–75 – 55 – 35 –15
5
25
45
11
12
GAIN-BANDWIDTH PRODUCT†
vs
FREE-AIR TEMPERATURE
13
65
85
105 125
f = 100 kHz
VIC = 0
VO = 0
RL = 2 kΩ
CL = 100 pF
VCC
± = ±15 V
VCC
± = ±5 V
Figure 61
|VCC + | – Supply Voltage – V
10
9
8
7
0
5
10
15
11
12
13
20
25
CC
±
V
f = 100 kHz
VIC = 0
VO = 0
RL = 2 kΩ
CL = 100 pF
TA = 25°C
GAIN-BANDWIDTH PRODUCT
vs
SUPPLY VOLTAGE
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com