Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6537 Datasheet(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # 2N6537
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

2N6537 Datasheet(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  2N6537 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. 2N6537 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. 2N6537 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
JMnic
Product Specification
2
Silicon NPN Power Transistors
2N6537
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=0.2A ; IB=0
120
V
VCEsat-1
Collector-emitter saturation voltage
IC=3A ;IB=6mA
2.0
V
VCEsat-2
Collector-emitter saturation voltage
IC=8A; IB=80mA
3.0
V
VBE-1
Base -emitter on voltage
IC=3A ; VCE=3V
2.8
V
VBE-2
Base -emitter on voltage
IC=8A ; VCE=3V
4.5
V
ICEV
Collector cut-off current
VCE=120V; VBE=-1.5V
TC=125℃
0.5
5.0
mA
ICEO
Collector cut-off current
VCE=120V; IB=0
1.0
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
5.0
mA
hFE-1
DC current gain
IC=3A ; VCE=3V
1000
10000
hFE-2
DC current gain
IC=8A ; VCE=3V
100
5000
VF
Diode forward voltage
IF=5A
4.0
V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com