Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL082IP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TL082IP
Description  JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL082IP Datasheet(HTML) 3 Page - Texas Instruments

  TL082IP Datasheet HTML 1Page - Texas Instruments TL082IP Datasheet HTML 2Page - Texas Instruments TL082IP Datasheet HTML 3Page - Texas Instruments TL082IP Datasheet HTML 4Page - Texas Instruments TL082IP Datasheet HTML 5Page - Texas Instruments TL082IP Datasheet HTML 6Page - Texas Instruments TL082IP Datasheet HTML 7Page - Texas Instruments TL082IP Datasheet HTML 8Page - Texas Instruments TL082IP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
AVAILABLE OPTIONS
PACKAGED DEVICES
CHIP
TA
VIOmax
AT 25
°C
SMALL
OUTLINE
(D008)
SMALL
OUTLINE
(D014)
CHIP
CARRIER
(FK)
CERAMIC
DIP
(J)
CERAMIC
DIP
(JG)
PLASTIC
DIP
(N)
PLASTIC
DIP
(P)
TSSOP
(PW)
FLAT
PACK
(U)
FLAT
PACK
(W)
CHIP
FORM
(Y)
15 mV
6 mV
3 mV
TL081CD
TL081ACD
TL081BCD
—
—
—
—
—
TL081CP
TL081ACP
TL081BCP
TL081CPW
—
—
—
0
°C
to
70
°C
15 mV
6 mV
3 mV
TL082CD
TL082ACD
TL082BCD
—
—
—
—
—
TL082CP
TL082ACP
TL082BCP
TL082CPW
—
—
TL082Y
15 mV
6 mV
3 mV
—
TL084CD
TL084ACD
TL084BCD
—
—
—
TL084CN
TL084ACN
TL084BCN
—
TL084CPW
—
—
TL084Y
–40
°C
to
85
°C
6 mV
6 mV
6 mV
TL081ID
TL082ID
TL084ID
TL084ID
—
—
—
TL084IN
TL081IP
TL082IP
—
—
—
—
–40
°C
to
125
°C
9 mV
—
TL084QD
—
—
—
—
—
—
—
—
—
–55
°C
to
125
°C
6 mV
6 mV
9 mV
—
—
TL081MFK
TL082MFK
TL084MFK
TL084MJ
TL081MJG
TL082MJG
—
—
—
TL081MU
TL082MU
TL084MW
—
The D package is available taped and reeled. Add R suffix to the device type (e.g., TL081CDR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com