Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2601 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2601
Description  Bandpass Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2601 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2601 Datasheet HTML 1Page - KR Electronics, Inc. 2601 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2005, KR Electronics, Inc.
KR Electronics 2601 Bandpass Filter
KR 2601 is a 6 MHz bandpass filters. Other passband frequen-
cies are available. Please consult the factory.
General Description
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
Features
Features
Features
Features
• 6 MHz Bandpass
• High Stopband Attenuation
• 50 Ω Source and Load
• SMA Connectors
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
CH1
S 21
log MAG
.5 dB/
REF 0 dB
CENTER
6.000 000 MHz
SPAN
2.000 000 MHz
Cor
PRm
CH2
S 21
delay
REF 400 ns
100 ns/
Cor
Smo
PRm
23 Feb 2005 15:53:31
1
2
CH1
S 21
log MAG
10 dB/
REF 0 dB
START
.100 000 MHz
STOP 25.000 000 MHz
Cor
PRm
23 Feb 2005 15:56:57
Passband Amplitude & Group Delay
(0.5 dB/div and 100 nsec/div)
Overall Response
(10 dB/div)


Similar Part No. - 2601

ManufacturerPart #DatasheetDescription
logo
Bi technologies
2601 BITECH-2601 Datasheet
49Kb / 2P
Turns Counting Dial
logo
TT Electronics.
2601 TTELEC-2601 Datasheet
486Kb / 2P
Turn Counting Dial
logo
Heyco.
2601 HEYCO-2601 Datasheet
141Kb / 1P
Glossy and Thick Panel Glossy Plugs
logo
Adafruit Industries
2601 ADAFRUIT-2601 Datasheet
2Mb / 3P
Adafruit RGB Matrix Shield for Arduino
6-25-18
logo
WAGO Kontakttechnik Gmb...
2601-1102 WAGO-2601-1102 Datasheet
1Mb / 4P
PCB terminal block; lever; 1.5 mm²; Pin spacing 3.5 mm; 2-pole; Push-in CAGE CLAMP®; 1,50 mm²; gray
Version 21.12.2022
More results

Similar Description - 2601

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
VBF-8000 MINI-VBF-8000 Datasheet
276Kb / 2P
Bandpass Filter
VBF-7500 MINI-VBF-7500 Datasheet
310Kb / 2P
Bandpass Filter
VBF-7350 MINI-VBF-7350 Datasheet
313Kb / 2P
Bandpass Filter
VBF-2275 MINI-VBF-2275 Datasheet
329Kb / 2P
Bandpass Filter
ZX75BP-1842 MINI-ZX75BP-1842 Datasheet
166Kb / 1P
Bandpass Filter
VBFZ-3590 MINI-VBFZ-3590 Datasheet
228Kb / 1P
Bandpass Filter
VBFZ-4000 MINI-VBFZ-4000 Datasheet
259Kb / 1P
Bandpass Filter
VBFZ-5500 MINI-VBFZ-5500 Datasheet
228Kb / 1P
Bandpass Filter
ZABP-450 MINI-ZABP-450 Datasheet
372Kb / 3P
Bandpass Filter
ZABP-587-S MINI-ZABP-587-S Datasheet
349Kb / 3P
Bandpass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com