Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCXCLIP Datasheet(PDF) 4 Page - Sensortechnics GmbH

Part # SCXCLIP
Description  Low cost compensated pressure sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

SCXCLIP Datasheet(HTML) 4 Page - Sensortechnics GmbH

  SCXCLIP Datasheet HTML 1Page - Sensortechnics GmbH SCXCLIP Datasheet HTML 2Page - Sensortechnics GmbH SCXCLIP Datasheet HTML 3Page - Sensortechnics GmbH SCXCLIP Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SCX...C Series
Low cost compensated pressure sensors
4/4
August 2005 / 060
www.sensortechnics.com
SenSym and Sensortechnics reserve the right to make changes to any products herein. SenSym and Sensortechnics do not assume any
liability arising out of the application or use of any product or circuit described herein, neither does it convey any license under its patent
rights nor the rights of others.
Description
Xmas tree clip
6-pin right angle socket
Pressure tubing clamp
ORDERING INFORMATION
To order, use the following part number(s)
Mounting Accessories
Description
0 to 1 psi differential/gage
0 to 5 psi differential/gage
0 to 15 psi absolute
0 to 15 psi differential/gage
0 to 30 psi absolute
0 to 30 psi differential/gage
0 to 100 psi absolute
0 to 100 psi differential/gage
0 to 150 psi differential/gage
Part Number
SCX01DNC
SCX05DNC
SCX15ANC
SCX15DNC
SCX30ANC
SCX30DNC
SCX100ANC
SCX100DNC
SCX150DNC
Part number
SCXCLIP
SCXCNCT
SCXSNP1
PHYSICAL DIMENSIONS
mass: 10 g
dimensions in inches (mm)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com