Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

26PC0100G6 Datasheet(PDF) 4 Page - Sensortechnics GmbH

Part # 26PC0100G6
Description  Temp. compensated and calibrated pressure sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

26PC0100G6 Datasheet(HTML) 4 Page - Sensortechnics GmbH

  26PC0100G6 Datasheet HTML 1Page - Sensortechnics GmbH 26PC0100G6 Datasheet HTML 2Page - Sensortechnics GmbH 26PC0100G6 Datasheet HTML 3Page - Sensortechnics GmbH 26PC0100G6 Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
26PC Series (mbar)
Temp. compensated and calibrated pressure sensors
4/4
June 2005 / 596
www.sensortechnics.com
2
6
PC
xxxx
x
x
A10
Sensortechnics reserves the right to make changes to any products herein. Sensortechnics does not assume any liability arising out of the
application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others.
26PC series
compensated
Pressure range
0050:
0 - 50 mbar
0100:
0 - 100 mbar
0250:
0 - 250 mbar
01K0:
0 - 1 bar
02K0:
0 - 2 bar
05K0:
0 - 5 bar
10K0:
0 - 10 bar
16K0:
0 - 16 bar
Pressure port (Ø 5.1 mm)
Pinning
2: dual inline pinning, 2 x 2
(not available for
differential devices)
6: single inline pinning, 1 x 4
Pressure mode
D: differential pressure
G: gage pressure
ORDERING INFORMATION
OUTLINE DRAWINGS10
26PCxxxxD6A (single inline pinning, 1 x 4), differential pressure devices
mass: 2 g
dimensions in mm
12,7
3 x 2,54
2,29
4 x 1,02
Ø 6,4
Ø 5,1
Ø 1,93
Ø 1,27
PIN 1
12,7
P2
4 3 2 1
P1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com