Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC14ADE4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC14ADE4
Description  HEX SCHMITT-TRIGGER INVERTERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC14ADE4 Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVC14ADE4 Datasheet HTML 1Page - Texas Instruments SN74LVC14ADE4 Datasheet HTML 2Page - Texas Instruments SN74LVC14ADE4 Datasheet HTML 3Page - Texas Instruments SN74LVC14ADE4 Datasheet HTML 4Page - Texas Instruments SN74LVC14ADE4 Datasheet HTML 5Page - Texas Instruments SN74LVC14ADE4 Datasheet HTML 6Page - Texas Instruments SN74LVC14ADE4 Datasheet HTML 7Page - Texas Instruments SN74LVC14ADE4 Datasheet HTML 8Page - Texas Instruments SN74LVC14ADE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
www.ti.com
Electrical Characteristics
SN54LVC14A, SN74LVC14A
HEX SCHMITT-TRIGGER INVERTERS
SCAS285X – MARCH 1993 – REVISED JULY 2005
over operating free-air temperature range (unless otherwise noted)
SN74LVC14A
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
–40 TO 85
°C
–40 TO 125
°C
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
1.65 V
0.4
1.3
0.4
1.3
0.4
1.3
1.95 V
0.6
1.5
0.6
1.5
0.6
1.5
2.3 V
0.8
1.7
0.8
1.7
0.8
1.7
VT+
Positive-going
2.5 V
0.8
1.7
0.8
1.7
0.8
1.7
V
threshold
2.7 V
0.8
2
0.8
2
0.8
2
3 V
0.9
2
0.9
2
0.9
2
3.6 V
1.1
2
1.1
2
1.1
2
1.65 V
0.15
0.85
0.15
0.85
0.15
0.85
1.95 V
0.25
0.95
0.25
0.95
0.25
0.95
2.3 V
0.4
1.2
0.4
1.2
0.4
1.2
VT–
Negative-going
2.5 V
0.4
1.2
0.4
1.2
0.4
1.2
V
threshold
2.7 V
0.4
1.4
0.4
1.4
0.4
1.4
3 V
0.6
1.5
0.6
1.5
0.6
1.5
3.6 V
0.8
1.7
0.8
1.7
0.8
1.7
1.65 V
0.1
1.15
0.1
1.15
0.1
1.15
1.95 V
0.15
1.25
0.15
1.25
0.15
1.25
2.3 V
0.25
1.3
0.25
1.3
0.25
1.3
∆V
T
Hysteresis
2.5 V
0.25
1.3
0.25
1.3
0.25
1.3
V
(VT+– VT-)
2.7 V
0.3
1.1
0.3
1.1
0.3
1.1
3 V
0.3
1.2
0.3
1.2
0.3
1.2
3.6 V
0.3
1.2
0.3
1.2
0.3
1.2
IOH = –100 µA
1.65 V to 3.6 V
VCC – 0.2
VCC – 0.2
VCC – 0.3
IOH = –4 mA
1.65 V
1.29
1.2
1.05
IOH = –8 mA
2.3 V
1.9
1.7
1.65
VOH
V
2.7 V
2.2
2.2
2.05
IOH = –12 mA
3 V
2.4
2.4
2.25
IOH = –24 mA
3 V
2.3
2.2
2
IOL = 100 µA
1.65 V to 3.6 V
0.1
0.2
0.3
IOL = 4 mA
1.65 V
0.24
0.45
0.6
VOL
IOL = 8 mA
2.3 V
0.3
0.7
0.75
V
IOL = 12 mA
2.7 V
0.4
0.4
0.6
IOL = 24 mA
3 V
0.55
0.55
0.8
II
VI = 5.5 V or GND
3.6 V
±1
±5
±20
µA
ICC
VI = VCC or GND, IO = 0
3.6 V
1
10
40
µA
One input at
VCC – 0.6 V,
∆I
CC
2.7 V to 3.6 V
500
500
5000
µA
Other inputs at
VCC or GND
Ci
VI = VCC or GND
3.3 V
5
pF
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com