Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KM103AI Datasheet(PDF) 5 Page - Cadeka Microcircuits LLC.

Part # KM103AI
Description  Fast Settling, High Current Wideband Op Amp
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

KM103AI Datasheet(HTML) 5 Page - Cadeka Microcircuits LLC.

  KM103AI Datasheet HTML 1Page - Cadeka Microcircuits LLC. KM103AI Datasheet HTML 2Page - Cadeka Microcircuits LLC. KM103AI Datasheet HTML 3Page - Cadeka Microcircuits LLC. KM103AI Datasheet HTML 4Page - Cadeka Microcircuits LLC. KM103AI Datasheet HTML 5Page - Cadeka Microcircuits LLC. KM103AI Datasheet HTML 6Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
REV. 1A January 2004
5
KH103
DATA SHEET
with a 70kHz square wave large enough to produce a
transition from +5V to -5V at the KH103 output and
adjusting Rb until the output of U1 is at a minimum. Ra
should be about 9.5Rg for bad results; thus, Rb should be
adjusted around the value of 0.5Rg.
Figure 3: Non-Inverting Gain Composite Amplifier
to be Used with Figure 1 Circuit
Figure 4: Inverting Gain Composite Amplifier to be
Used with Figure 2 Circuit
Bias Control
In normal operation, the bias control pin (pin 16) is left
unconnected. However, if control over the bias of the
amplifier is desired, the bias control pin may be driven
with a TTL signal; a TTL high level will turn the amplifier
off.
Distortion and Noise
The graphs of intercept point versus frequency on the
page 3 make it easy to predict the distortion at any fre-
quency, given the output voltage of the KH103. First con-
vert the output voltage Vo to Vrms = (Vpp/2√2) and then to
P = (10log10 (20Vrms2)) to get the output power in dBm.
At the frequency of interest, its 2nd harmonic will be S2 =
(I2 - P) dB below the level of P. Its third harmonic will be
S3 = 2(I3 - P) dB below the level of P, as will the two-tone
third order intermodulation products. These approxima-
tions are useful for P < -1dB compression levels.
Approximate noise figure can determined for the KH103
using the Equivalent Input Noise graph on page 3. The
following equation can be used to determine noise figure
(F) in dB.
where vn is the rms noise voltage and in is the rms noise
current. Beyond the breakpoint of the curves (i.e. where
they are flat) broadband noise figure equals spot noise,
so
∆f should equal one (1) and v
n and in should be read
directly off the graph. Below the breakpoint, the noise
must be integrated and
∆f set to the appropriate band-
width.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com