Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMM5259B Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # ZMM5259B
Description  SURFACE MOUNT ZENER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

ZMM5259B Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  ZMM5259B Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH ZMM5259B Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SURFACE MOUNT ZENER DIODE
ZMM52 Series
Electrical Characteristics ( Ta = 25 C )
500mW
Maximum
Zener Impedance
Maximum Reverse
Leakage Current
O
Nominal
Zener
Voltage
Vz at Izt*
Test
Current
IzT
ZzT at IzT
Zzk at
Izk=0.25mA
Typical
Temperature
Coefficient
IR
Test-Voltage
Suffix B
Maximum
Regulator
Current
IzM
Device
Type
Volts
mA
% /
µA
Volts
mA
ZMM5221B
2.4
20
30
1200
-0.085
100
1.0
191
ZMM5222B
2.5
20
30
1250
-0.085
100
1.0
182
ZMM5223B
2.7
20
30
1300
-0.080
75
1.0
168
ZMM5224B
2.8
20
30
1400
-0.080
75
1.0
162
ZMM5225B
3.0
20
29
1600
-0.075
50
1.0
151
ZMM5226B
3.3
20
28
1600
-0.070
25
1.0
138
ZMM5227B
3.6
20
24
1700
-0.065
15
1.0
126
ZMM5228B
3.9
20
23
1900
-0.060
10
1.0
115
ZMM5229B
4.3
20
22
2000
+/-0.055
5
1.0
106
ZMM5230B
4.7
20
19
1900
+/-0.030
5
2.0
97
ZMM5231B
5.1
20
17
1600
+/-0.030
5
2.0
89
ZMM5232B
5.6
20
11
1600
+0.038
5
3.0
81
ZMM5233B
6.0
20
7
1600
+0.038
5
3.5
76
ZMM5234B
6.2
20
7
1000
+0.045
5
4.0
73
ZMM5235B
6.8
20
5
750
+0.050
3
5.6
67
ZMM5236B
7.5
20
6
500
+0.058
3.0
6.0
61
ZMM5237B
8.2
20
8
500
+0.062
3.0
6.5
55
ZMM5238B
8.7
20
8
600
+0.065
3.0
6.5
52
ZMM5239B
9.1
20
10
600
+0.068
3.0
7.0
50
ZMM5240B
10
20
17
600
+0.075
3.0
8.0
45
ZMM5241B
11
20
22
600
+0.076
2.0
8.4
41
ZMM5242B
12
20
30
600
+0.077
1.0
9.1
38
ZMM5243B
13
9.5
13
600
+0.079
0.5
9.9
35
ZMM5244B
14
9.0
15
600
+0.082
0.1
10
32
ZMM5245B
15
8.5
16
600
+0.082
0.1
11
30
ZMM5246B
16
7.8
17
600
+0.083
0.1
12
28
ZMM5247B
17
7.4
19
600
+0.084
0.1
13
27
ZMM5248B
18
7.0
21
600
+0.085
0.1
14
25
ZMM5249B
19
6.6
23
600
+0.086
0.1
14
24
ZMM5250B
20
6.2
25
600
+0.086
0.1
15
23
ZMM5251B
22
5.6
29
600
+0.087
0.1
17
21.2
ZMM5252B
24
5.2
33
600
+0.088
0.1
18
19.1
ZMM5253B
25
5.0
35
600
+0.089
0.1
19
18.2
ZMM5254B
27
4.6
41
600
+0.090
0.1
21
16.8
ZMM5255B
28
4.5
44
600
+0.091
0.1
21
16.2
ZMM5256B
30
4.2
49
600
+0.091
0.1
23
15.1
ZMM5257B
33
3.8
58
700
+0.092
0.1
25
13.8
ZMM5258B
36
3.4
70
700
+0.093
0.1
27
12.6
ZMM5259B
39
3.2
80
800
+0.094
0.1
30
11.5
ZMM5260B
43
3
93
900
+0.095
0.1
33
10.6
ZMM5261B
47
2.7
150
1000
+0.095
0.1
36
9.7
Standard Voltage Tolerance is ± 5 % and :
Suffix “A” for ± 3 %
Suffix “B” for ± 5 %
Suffix “C” for ± 10 %
Suffix “D” for ± 20 %
Measured with Pulses Tp = 40 m sec
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 1 of 2
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - ZMM5259B

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
ZMM5259B JGD-ZMM5259B Datasheet
198Kb / 2P
SURFACE MOUNT ZENER DIODES/MINI MELF
logo
Diodes Incorporated
ZMM5259B DIODES-ZMM5259B Datasheet
80Kb / 3P
500mW SURFACE MOUNT ZENER DIODE
DS30024 Rev. C-2
logo
Weitron Technology
ZMM5259B WEITRON-ZMM5259B Datasheet
575Kb / 4P
Surface Mount Zener Diodes
logo
Pan Jit International I...
ZMM5259B PANJIT-ZMM5259B Datasheet
61Kb / 3P
SURFACE MOUNT ZENER DIODES
logo
TAITRON Components Inco...
ZMM5259B TAITRON-ZMM5259B Datasheet
204Kb / 5P
500mW Surface Mount Zener Diodes
More results

Similar Description - ZMM5259B

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Weitron Technology
MMBZ5221BW WEITRON-MMBZ5221BW Datasheet
369Kb / 3P
Surface Mount Zener Diode
logo
Taiwan Semiconductor Co...
MMSZ5221B TSC-MMSZ5221B Datasheet
59Kb / 3P
Surface Mount Zener Diode
logo
Galaxy Semi-Conductor H...
BZT52C2V0S BILIN-BZT52C2V0S Datasheet
228Kb / 4P
Surface mount zener diode
BZT52C2V4 BILIN-BZT52C2V4 Datasheet
232Kb / 4P
Surface mount zener diode
logo
Microdiode Semiconducto...
BZT52C2V7 CHENDA-BZT52C2V7 Datasheet
283Kb / 4P
Surface mount zener diode
BZT52C4V7 CHENDA-BZT52C4V7 Datasheet
283Kb / 4P
Surface mount zener diode
BZT52C8V2 CHENDA-BZT52C8V2 Datasheet
283Kb / 4P
Surface mount zener diode
logo
Shenzhen Luguang Electr...
MMSZ5221BS LUGUANG-MMSZ5221BS Datasheet
188Kb / 3P
Surface mount zener diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com