Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMM55C5V6 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # ZMM55C5V6
Description  Surface Mount Zener Dio de
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

ZMM55C5V6 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  ZMM55C5V6 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH ZMM55C5V6 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Absolute Maximum Ratings
Items
Symbol
Value
Unit
Power Dissipation at Tamb=25℃
PTOT
500 *
mW
Junction Temperature
TJ
175
Storage Temperature Range
TSTG
-65 ~ +175
* Valid provided that leads at a distance of 10mm from case are kept at ambient temperature
Characteristic at Tamb=25℃
Items
Symbol
Min.
Typ.
Max.
Unit
Thermal Resistance Junctiobn to Ambient Air
R
θJA
-
-
0.3 *
K / mW
Forward Voltage @ IF=200mA
VF
-
-
1.0
V
* Valid provided that leads at a distance of 10mm from case are kept at ambient temperature
Items
Materials
Package
Mini MELF
Case
H
Packaging Dimensions (mm)
ermeticall sealed glass
L
Symbol
Min
Max
ead Finish
Solder Plating
A
B
C
3.302
1.397
0.350
3.505
1.499
0.500
A
B
C
Mechanical Data
Dimensions in mm
MINI MELF
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
5
10
15
20
25
30
50
V
40
30
20
10
0
Breakdown Characteristics
IZ
VZ
ZMM55 Series
mA
Test currrent
Iz=5mA
due to the ambient temperature.
500
Change in the power dissipation
250
200
50 100 150
200
Ta (℃)
Ambient Temperature.
100
400
300
21-Aug-2007 Rev.B
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com