Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84C3V9 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # BZX84C3V9
Description  Surface Mount Zener Voltage Regulator Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BZX84C3V9 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  BZX84C3V9 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BZX84C3V9 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH BZX84C3V9 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH BZX84C3V9 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS (Pinout : 1-Anode, 2-NC, 3-Cathode) (VF = 0.9V Max @ IF = 10mA for all types)
Nom
Min
Max
IR
A
VR
Volts
Min
Max
Min
Max
Min
Max
BZX84C2V4
Z11/KZB
2.4
2.2
2.6
100
50
1
1.7
2.1
600
2.6
3.2
50
-3.5
0
450
BZX84C2V7
Z12/KZC
2.7
2.5
2.9
100
20
1
1.9
2.4
600
3.0
3.6
50
-3.5
0
450
BZX84C3V0
Z13/KZD
3.0
2.8
3.2
95
10
1
2.1
2.7
600
3.3
3.9
50
-3.5
0
450
BZX84C3V3
Z14/KZE
3.3
3.1
3.5
95
5
1
2.3
2.9
600
3.6
4.2
40
-3.5
0
450
BZX84C3V6
Z15/KZF
3.6
3.4
3.8
90
5
1
2.7
3.3
600
3.9
4.5
40
-3.5
0
450
BZX84C3V9
Z16/KZG
3.9
3.7
4.1
90
3
1
2.9
3.5
600
4.1
4.7
30
-3.5
-2.5
450
BZX84C4V3
Z17/KZH
4.3
4.0
4.6
90
3
1
3.3
4.0
600
4.4
5.1
30
-3.5
0
450
BZX84C4V7
Z1/KZ1
4.7
4.4
5.0
80
3
2
3.7
4.7
500
4.5
5.4
15
-3.5
0.2
260
BZX84C5V1
Z2/KZ2
5.1
4.8
5.4
60
2
2
4.2
5.3
480
5.0
5.9
15
-2.7
1.2
225
BZX84C5V6
Z3/KZ3
5.6
5.2
6.0
40
1
2
4.8
6.0
400
5.2
6.3
10
-2.0
2.5
200
BZX84C6V2
Z4/KZ4
6.2
5.8
6.6
10
3
4
5.6
6.6
150
5.8
6.8
6
0.4
3.7
185
BZX84C6V8
Z5/KZ5
6.8
6.4
7.2
15
2
4
6.3
7.2
80
6.4
7.4
6
1.2
4.5
155
BZX84C7V5
Z6/KZ6
7.5
7.0
7.9
15
1
5
6.9
7.9
80
7.0
8.0
6
2.5
5.3
140
BZX84C8V2
Z7/KZ7
8.2
7.7
8.7
15
0.7
5
7.6
8.7
80
7.7
8.8
6
3.2
6.2
135
BZX84C9V1
Z8/KZ8
9.1
8.5
9.6
15
0.5
6
8.4
9.6
100
8.5
9.7
8
3.8
7.0
130
BZX84C10
Z9/KZ9
10.0
9.4
10.6
20
0.2
7
9.3
10.6
150
9.4
10.7
10
4.5
8.0
130
BZX84C11
Y1/KY1
11.0
10.4
11.6
20
0.1
8
10.2
11.6
150
10.4
11.8
10
5.4
9.0
130
BZX84C12
Y2/KY2
12.0
11.4
12.7
25
0.1
8
11.2
12.7
150
11.4
12.9
10
6.0
10.0
130
BZX84C13
Y3/KY3
13.0
12.4
14.1
30
0.1
8
12.3
14.0
170
12.5
14.2
15
7.0
11.0
120
BZX84C15
Y4/KY4
15.0
13.8
15.6
30
0.1
10.5
13.7
15.5
200
13.9
15.7
20
9.2
13.0
110
BZX84C16
Y5/KY5
16.0
15.3
17.1
40
0.1
11.2
15.2
17.0
200
15.4
17.2
20
10.4
14.0
105
BZX84C18
Y6/KY6
18.0
16.8
19.1
45
0.1
12.6
16.7
19.0
225
16.9
19.2
20
12.4
16.0
100
BZX84C20
Y7/KY7
20.0
18.8
21.2
55
0.1
14
18.7
21.1
225
18.9
21.4
20
14.4
18.0
85
BZX84C22
Y8/KY8
22.0
20.8
23.3
55
0.1
15.4
20.7
23.2
250
20.9
23.4
25
16.4
20.0
85
BZX84C24
Y9/KY9
24.0
22.8
25.6
70
0.1
16.8
22.7
25.5
250
22.9
25.7
25
18.4
22.0
80
BZX84C27
Y10/KYA
27.0
25.1
28.9
80
0.1
18.9
25.0
28.9
300
25.2
29.3
45
21.4
25.3
70
BZX84C30
Y11/KYB
30.0
28.0
32.0
80
0.1
21
27.8
32.0
300
28.1
32.4
50
24.4
29.4
70
BZX84C33
Y12/KYC
33.0
31.0
35.0
80
0.1
23.1
30.8
35.0
325
31.1
35.4
55
27.4
33.4
70
BZX84C36
Y13/KYD
36.0
34.0
38.0
90
0.1
25.2
33.8
38.0
350
34.1
38.4
60
30.4
37.4
70
BZX84C39
Y14/KYE
39.0
37.0
41.0
130
0.1
27.3
36.7
41.0
350
37.1
41.5
70
33.4
41.2
45
BZX84C43
Y15/KYF
43.0
40.0
46.0
150
0.1
30.1
39.7
46.0
375
40.1
46.5
80
37.6
46.6
40
BZX84C47
Y16/KYG
47.0
44.0
50.0
170
0.1
32.9
43.7
50.0
375
44.1
50.5
90
42.0
51.8
40
BZX84C51
Y17/KYH
51.0
48.0
54.0
180
0.1
35.7
47.6
54.0
400
48.1
54.6
100
46.6
57.2
40
Zener Voltage
VZ3 (Volts)
@ IZT3 = 20mA
(Note 1)
Max Zener
Impedance
ZZT3
(Ohms)
@ IZT3 =
20mA
dVZ/dt
(mV/k)
@ IZT1 = 5mA
Max
Reverse
Leakage
Current
Zener Voltage
VZ2 (Volts)
@ IZT2 = 1mA
(Note 1)
Type
Number
Marking
Code
Zener Voltage
VZ1 (Volts)
@ IZT1 = 5mA
(Note 1)
Max Zener
Impedance
ZZT1
(Ohms)
@ IZT1 =
5mA
GENERAL DATA - 350mW SOT-23
C F
Max
@ VR = 0
f = 1MHz
Max Zener
Impedance
ZZT2
(Ohms)
@ IZT2 =
1mA
@
r
NOTES :1.Zener voltage is measured with a pulse test current (l
Z
) applied at an ambient temperature of 25
.
2.Tasted with pulses,300 s pulse width,2% duty cycle.
C
o
http://www.SeCoSGmbH.com
Elektronische Bauelemente
mm
m
Any changing of specification will not be informed individual
BZX84CXXX
350mW SOT-23 Series
Surface Mount Zener Voltage Regulator Diodes
01-Jun-2002 Rev. A
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com