Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT2-LL1MATD53C Datasheet(PDF) 4 Page - JDS Uniphase Corporation

Part # CT2-LL1MATD53C
Description  OC-3 SFP Transceiver (1310 nm and 1550 nm)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

CT2-LL1MATD53C Datasheet(HTML) 4 Page - JDS Uniphase Corporation

  CT2-LL1MATD53C Datasheet HTML 1Page - JDS Uniphase Corporation CT2-LL1MATD53C Datasheet HTML 2Page - JDS Uniphase Corporation CT2-LL1MATD53C Datasheet HTML 3Page - JDS Uniphase Corporation CT2-LL1MATD53C Datasheet HTML 4Page - JDS Uniphase Corporation CT2-LL1MATD53C Datasheet HTML 5Page - JDS Uniphase Corporation CT2-LL1MATD53C Datasheet HTML 6Page - JDS Uniphase Corporation CT2-LL1MATD53C Datasheet HTML 7Page - JDS Uniphase Corporation CT2-LL1MATD53C Datasheet HTML 8Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
OC-3 SFP TRANSCEIVER
CT2 Electrical Pad Layout
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VeeT
VeeT
VeeR
VeeR
VccR
VccT
TD-
TD+
RD+
RD-
VeeT
VeeR
VeeR
LOS
Tx Fault
Tx Disable
MOD-DEF(2)
MOD-DEF(1)
MOD-DEF(0)
Rate Select
Top of Board
Bottom of Board (As Viewed
through Top of Board)
Transceiver Pin Descriptions
Pin
Description
TD
Un-clocked, multirate, differential serial bit stream (OC-3) used to drive the optical transmitter.
TDb
Internally AC coupled and terminated via internal 100
Ω differential impedence.
RD
Differential received electrical signal capable of detecting OC-3 bit patterns.
RDb
The differential pair is internally biased and AC coupled. This signal requires 100
Ω external differential termination.
Rate_select
Internally monitored and available for future use. Can be customized for specific applications.
TxDIS
Transmitter Disable Input. A logic HIGH on this input pin disables the transmitter's laser so that there is no
optical output. If left open the transmitter will be disabled.
LOS
Loss of Signal (Open Collector). A logic HIGH on this output indicates an incoming signal level that is less than
-36 dBm but no greater than -44 dBm. LOS shall deassert (logic LOW) when a 3 dB (maximum), 0.5 dB (mininum)
hysteresis is obtained.
Tx_fault
Transmitter fault (Open collector). A logic HIGH indicates that the transmitter is in a fault condition.
MOD_DEF(0)
MOD_DEF(0) is internally grounded to indicate the presence of the module. Must be pulled-up on host board with
a 10 K
Ω resistor.
MOD_DEF(1)
MOD_DEF(1) is the clock of the 2 wire interface for module monitoring.
MOD_DEF(2)
MOD_DEF(2) is the data line of the 2 wire interface for module monitoring.
VccR,VccT
Receiver, Transmitter power supply, respectively
VeeR, VeeT
Receiver, Transmitter ground, respectively. The chassis ground and circuit ground isolation is configurable.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com