Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC1-R68-WT Datasheet(PDF) 1 Page - RCD COMPONENTS INC.

Part # PIC1-R68-WT
Description  SURFACE MOUNT POWER INDUCTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RCD [RCD COMPONENTS INC.]
Direct Link  http://www.rcdcomponents.com
Logo RCD - RCD COMPONENTS INC.

PIC1-R68-WT Datasheet(HTML) 1 Page - RCD COMPONENTS INC.

  PIC1-R68-WT Datasheet HTML 1Page - RCD COMPONENTS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SURFACE MOUNT POWER INDUCTORS
.
c
u
d
n
I
)
H
µ
(
e
u
l
a
V
.
l
o
T
.
d
t
S
&
1
C
I
P
C
D
/
g
n
i
t
a
R
t
n
e
r
r
u
C
s
i
s
e
R
.
x
a
M
2
C
I
P
C
D
/
g
n
i
t
a
R
t
n
e
r
r
u
C
s
i
s
e
R
.
x
a
M
3
C
I
P
C
D
/
g
n
i
t
a
R
t
n
e
r
r
u
C
s
i
s
e
R
.
x
a
M
4
C
I
P
C
D
/
g
n
i
t
a
R
t
n
e
r
r
u
C
s
i
s
e
R
.
x
a
M
5
C
I
P
C
D
/
g
n
i
t
a
R
t
n
e
r
r
u
C
s
i
s
e
R
.
x
a
M
6
C
I
P
C
D
/
g
n
i
t
a
R
t
n
e
r
r
u
C
s
i
s
e
R
.
x
a
M
7
C
I
P
2
C
D
/
g
n
i
t
a
R
t
n
e
r
r
u
C
s
i
s
e
R
.
x
a
M
%
0
2
±
8
6
.
%
0
2
±
0
.
1
%
0
2
±
4
.
1
%
0
2
±
8
.
1
%
0
2
±
2
.
2
%
0
2
±
7
.
2
5
4
0
.
/
A
0
6
.
2
Ω
9
4
0
.
/
A
6
5
.
2
Ω
7
5
0
.
/
A
2
5
.
2
Ω
4
6
0
.
/
A
5
9
.
1
Ω
2
7
0
.
/
A
5
7
.
1
Ω
9
7
0
.
/
A
8
5
.
1
Ω
D
C
R
t
l
u
s
n
o
C
"
"
"
4
5
0
.
/
A
0
2
.
2
Ω
7
5
0
.
/
A
0
1
.
2
Ω
D
C
R
t
l
u
s
n
o
C
"
"
"
"
"
D
C
R
t
l
u
s
n
o
C
"
"
"
"
"
D
C
R
t
l
u
s
n
o
C
"
"
"
"
"
D
C
R
t
l
u
s
n
o
C
"
"
"
"
"
D
C
R
t
l
u
s
n
o
C
"
"
"
"
"
%
0
2
±
3
.
3
%
0
2
±
9
.
3
%
0
2
±
7
.
4
%
0
2
±
6
.
5
%
0
2
±
8
.
6
%
0
2
±
2
.
8
7
8
0
.
/
A
4
4
.
1
Ω
4
9
0
.
/
A
3
3
.
1
Ω
9
0
1
.
/
A
5
1
.
1
Ω
6
2
1
.
/
A
0
1
.
1
Ω
2
3
1
.
/
A
8
0
.
1
Ω
7
4
1
.
/
A
5
0
.
1
Ω
0
6
0
.
/
A
0
0
.
2
Ω
5
6
0
.
/
A
0
9
.
1
Ω
0
7
0
.
/
A
0
8
.
1
Ω
5
7
0
.
/
A
0
7
.
1
Ω
0
8
0
.
/
A
0
6
.
1
Ω
0
9
0
.
/
A
0
5
.
1
Ω
"
"
4
5
0
.
/
A
8
7
.
1
Ω
0
6
0
.
/
A
8
6
.
1
Ω
7
6
0
.
/
A
8
5
.
1
Ω
4
7
0
.
/
A
8
4
.
1
Ω
"
"
"
"
5
0
.
0
/
A
7
.
2
Ω
6
0
.
0
/
A
5
.
2
Ω
"
"
"
"
"
4
0
.
0
/
A
0
6
.
2
Ω
"
"
"
"
"
"
"
"
"
"
"
"
%
0
2
±
0
1
%
0
2
±
2
1
%
0
2
±
5
1
%
0
2
±
8
1
%
0
2
±
2
2
2
8
1
.
/
A
4
0
.
1
Ω
0
1
2
.
/
A
7
9
.
0
Ω
5
3
2
.
/
A
5
8
.
0
Ω
8
3
3
.
/
A
4
7
.
0
Ω
8
7
3
.
/
A
8
6
.
0
Ω
0
1
.
0
/
A
5
4
.
1
Ω
2
1
.
0
/
A
0
4
.
1
Ω
4
1
.
0
/
A
0
3
.
1
Ω
5
1
.
0
/
A
5
2
.
1
Ω
9
1
.
0
/
A
1
1
.
1
Ω
8
0
.
0
/
A
4
4
.
1
Ω
9
0
.
0
/
A
9
3
.
1
Ω
0
1
.
0
/
A
4
2
.
1
Ω
1
1
.
0
/
A
2
1
.
1
Ω
3
1
.
0
/
A
7
0
.
1
Ω
7
0
.
0
/
A
3
.
2
Ω
8
0
.
0
/
A
0
.
2
Ω
9
0
.
0
/
A
8
.
1
Ω
0
1
.
0
/
A
6
.
1
Ω
1
1
.
0
/
A
5
.
1
Ω
5
0
.
0
/
A
8
3
.
2
Ω
6
0
.
0
/
A
3
1
.
2
Ω
7
0
.
0
/
A
7
8
.
1
Ω
8
0
.
0
/
A
3
7
.
1
Ω
9
0
.
0
/
A
0
6
.
1
Ω
6
0
.
0
/
A
0
6
.
2
Ω
7
0
.
0
/
A
5
4
.
2
Ω
8
0
.
0
/
A
7
2
.
2
Ω
9
0
.
0
/
A
5
1
.
2
Ω
0
1
.
0
/
A
5
9
.
1
Ω
6
0
.
0
/
A
0
5
.
3
Ω
7
0
.
0
/
A
0
4
.
3
Ω
8
0
.
0
/
A
0
1
.
3
Ω
9
0
.
0
/
A
0
0
.
3
Ω
0
1
.
0
/
A
0
6
.
2
Ω
%
0
2
±
7
2
%
0
1
±
3
3
9
3%
0
1
±
7
4%
0
1
±
6
5%
0
1
±
2
5
.
/
A
2
6
.
0
Ω
4
5
.
/
A
6
5
.
0
Ω
9
5
.
/
A
2
5
.
0
Ω
4
8
.
/
A
4
4
.
0
Ω
4
9
.
/
A
2
4
.
0
Ω
2
2
.
/
A
0
0
.
1
Ω
5
2
.
/
A
8
8
.
0
Ω
2
3
.
/
A
0
8
.
0
Ω
7
3
.
/
A
2
7
.
0
Ω
2
4
.
/
A
8
6
.
0
Ω
5
1
.
/
A
4
9
.
0
Ω
7
1
.
/
A
5
8
.
0
Ω
2
2
.
/
A
4
7
.
0
Ω
5
2
.
/
A
8
6
.
0
Ω
8
2
.
/
A
4
6
.
0
Ω
2
1
.
/
A
3
.
1
Ω
4
1
.
/
A
2
.
1
Ω
6
1
.
/
A
1
.
1
Ω
0
2
.
/
A
0
.
1
Ω
4
2
.
/
A
4
9
.
Ω
0
1
.
/
A
4
4
.
1
Ω
2
1
.
/
A
6
2
.
1
Ω
5
1
.
/
A
0
2
.
1
Ω
7
1
.
/
A
0
1
.
1
Ω
0
2
.
/
A
0
0
.
1
Ω
1
1
.
/
A
6
7
.
1
Ω
2
1
.
/
A
0
5
.
1
Ω
4
1
.
/
A
7
3
.
1
Ω
7
1
.
/
A
8
2
.
1
Ω
9
1
.
/
A
7
1
.
1
Ω
1
1
.
/
A
0
4
.
2
Ω
2
1
.
/
A
0
3
.
2
Ω
4
1
.
/
A
0
1
.
2
Ω
7
1
.
/
A
5
9
.
1
Ω
9
1
.
/
A
5
8
.
1
Ω
8
6%
0
1
±
2
8%
0
1
±
0
0
1%
0
1
±
0
2
1%
0
1
±
0
5
1%
0
1
±
0
8
1%
0
1
±
2
1
.
1
/
A
7
3
.
0
Ω
7
3
.
1
/
A
3
3
.
0
Ω
6
6
.
1
/
A
0
3
.
0
Ω
D
C
R
t
l
u
s
n
o
C
"
"
2
5
.
/
A
2
6
.
0
Ω
0
6
.
/
A
8
5
.
0
Ω
0
7
.
/
A
2
5
.
0
Ω
3
9
.
/
A
9
4
.
0
Ω
1
.
1
/
A
1
4
.
0
Ω
7
3
.
1
/
A
8
3
.
0
Ω
3
3
.
/
A
9
5
.
0
Ω
1
4
.
/
A
4
5
.
0
Ω
8
4
.
/
A
1
5
.
0
Ω
4
5
.
/
A
8
4
.
0
Ω
5
7
.
/
A
0
4
.
0
Ω
2
0
.
1
/
A
6
3
.
0
Ω
8
2
.
/
A
5
8
.
Ω
7
3
.
/
A
8
7
.
Ω
5
4
.
/
A
2
7
.
Ω
8
4
.
/
A
6
6
.
Ω
8
6
.
/
A
8
5
.
Ω
7
7
.
/
A
1
5
.
Ω
2
2
.
/
A
1
9
.
Ω
5
2
.
/
A
5
8
.
Ω
4
3
.
/
A
4
7
.
Ω
0
4
.
/
A
9
6
.
Ω
4
5
.
/
A
1
6
.
Ω
2
6
.
/
A
6
5
.
Ω
2
2
.
/
A
1
1
.
1
Ω
5
2
.
/
A
0
0
.
1
Ω
5
3
.
/
A
7
9
.
Ω
0
4
.
/
A
9
8
.
Ω
7
4
.
/
A
8
7
.
Ω
3
6
.
/
A
2
7
.
Ω
2
2
.
/
A
5
6
.
1
Ω
5
2
.
/
A
0
5
.
1
Ω
5
3
.
/
A
0
4
.
1
Ω
0
4
.
/
A
0
3
.
1
Ω
7
4
.
/
A
0
2
.
1
Ω
3
6
.
/
A
0
0
.
1
Ω
0
2
2%
0
1
±
0
7
2%
0
1
±
0
3
3%
0
1
±
0
9
3%
0
1
±
0
7
4%
0
1
±
0
6
5%
0
1
±
"
"
"
"
"
"
7
5
.
1
/
A
5
3
.
0
Ω
7
8
.
1
/
A
1
3
.
0
Ω
0
3
.
2
/
A
8
2
.
0
Ω
0
4
.
3
/
A
3
2
.
0
Ω
0
5
.
4
/
A
0
2
.
0
Ω
D
C
R
t
l
u
s
n
o
C
0
2
.
1
/
A
1
3
.
0
Ω
1
3
.
1
/
A
9
2
.
0
Ω
0
5
.
1
/
A
8
2
.
0
Ω
7
4
.
2
/
A
2
2
.
0
Ω
0
0
.
3
/
A
0
2
.
0
Ω
D
C
R
t
l
u
s
n
o
C
6
9
.
/
A
9
4
.
Ω
1
1
.
1
/
A
2
4
.
Ω
6
2
.
1
/
A
0
4
.
Ω
7
7
.
1
/
A
6
3
.
Ω
6
9
.
1
/
A
4
3
.
Ω
2
2
.
2
/
A
0
3
.
Ω
2
7
.
/
A
3
5
.
Ω
5
9
.
/
A
5
4
.
Ω
0
1
.
1
/
A
2
4
.
Ω
4
2
.
1
/
A
8
3
.
Ω
3
5
.
1
/
A
5
3
.
Ω
0
9
.
1
/
A
2
3
.
Ω
3
7
.
/
A
6
6
.
Ω
7
9
.
/
A
7
5
.
Ω
6
1
.
1
/
A
2
5
.
Ω
0
3
.
1
/
A
8
4
.
Ω
8
4
.
1
/
A
2
4
.
Ω
0
9
.
1
/
A
3
3
.
Ω
3
7
.
/
A
5
9
.
Ω
7
9
.
/
A
0
9
.
Ω
6
1
.
1
/
A
0
8
.
Ω
0
3
.
1
/
A
5
7
.
Ω
8
4
.
1
/
A
5
6
.
Ω
0
9
.
1
/
A
0
6
.
Ω
0
8
6%
0
1
±
0
2
8%
0
1
±
0
0
0
1%
0
1
±
0
0
2
1%
0
1
±
0
0
5
1%
0
1
±
0
0
2
2%
0
1
±
"
"
"
"
"
"
"
"
"
"
"
"
"
"
"
"
"
"
6
9
.
2
/
A
6
2
.
Ω
D
C
R
t
l
u
s
n
o
C
"
"
"
"
2
1
.
3
/
A
5
2
.
Ω
0
0
.
4
/
A
2
2
.
Ω
6
9
.
5
/
A
8
1
.
Ω
D
C
R
t
l
u
s
n
o
C
"
"
5
2
.
2
/
A
8
2
.
Ω
5
5
.
2
/
A
4
2
.
Ω
5
7
.
3
/
A
0
2
.
Ω
D
C
R
t
l
u
s
n
o
C
"
"
5
4
.
2
/
A
0
5
.
Ω
5
5
.
2
/
A
8
4
.
Ω
0
0
.
3
/
A
6
4
.
Ω
0
5
.
3
/
A
5
3
.
Ω
8
1
.
4
/
A
2
3
.
Ω
6
4
.
5
/
A
8
2
.
Ω
PIC SERIES
Series PIC inductors were developed to provide high current
capability in an economical surface mount design. The
cylindrical geometry enables a wide range of values with
excellent high frequency performance. Construction is
wirewound and utilizes a ferrite core. Units are marked with
inductance value.
Applications include noise filtering, DC/DC
converters, telecom, power supplies, switching regulators, etc.
Custom models available.
Industry’s widest range and lowest cost!
0.68µH to 2200µH, 0.18A to 3.5A
OPTIONS
Option ER1: Military Screening
Numerous design modifications are available including high
frequency testing, shielded, increased current and temperature
ratings, non-standard inductance values, custom marking, etc.
SPECIFICATIONS
Standard Tol.:
≤27uH ±20% (10% avail), >27uH ±10% (5% avail)
Inductance Test Frequency: 1KHz (high freq. testing avail.)
Temperature Range: -40 to +105°C
Temperature Rise: 20°C typical at rated current
Derating: derate current rating by 5%/°C above 85°C
Resistance to Soldering Heat: 260°C for 10 Sec
Rated Current lowers inductance approximately 10%
1 Option ER Military Screening: per Mil-C-15305 (Thermal Shock -25/+85°C, DCR, Inductance, Vis./Mechanical Insp) 2 Information on PIC7 is preliminary
←
→
A
B
C
→
←
→
←
D
.040r [1]
E
↑
↓
↑
↓
F
Suggested Mounting Pad
e
p
y
T)
x
a
M
(
A)
x
a
M
(
B)
p
y
T
(
CD
E
F
1
C
I
P
2
C
I
P
3
C
I
P
4
C
I
P
5
C
I
P
6
C
I
P
7
C
I
P
2
]
8
.
4
[
9
8
1
.
]
1
.
6
[
0
4
2
.
]
1
.
8
[
9
1
3
.
]
1
.
8
[
9
1
3
.
]
3
.
0
1
[
5
0
4
.
]
4
.
0
1
[
9
0
4
.
]
1
1
[
3
3
4
.
]
5
.
3
[
8
3
1
.
]
9
.
4
[
3
9
1
.
]
0
.
4
[
7
5
1
.
]
5
.
5
[
6
1
2
.
]
5
.
4
[
7
7
1
.
]
8
.
5
[
8
2
2
.
]
5
.
7
[
5
9
2
.
]
5
.
1
[
0
6
0
.
]
8
.
1
[
0
7
0
.
]
1
.
2
[
3
8
0
.
]
1
.
2
[
3
8
0
.
]
1
.
2
[
3
8
0
.
]
1
.
2
[
3
8
0
.
]
1
.
2
[
3
8
0
.
]
5
7
.
1
[
0
7
0
.
]
5
1
.
2
[
5
8
0
.
]
0
.
3
[
0
2
1
.
]
0
.
3
[
0
2
1
.
]
5
7
.
3
[
0
5
1
.
]
5
7
.
3
[
0
5
1
.
]
0
.
4
[
0
6
1
.
]
5
.
4
[
7
7
1
.
]
7
.
5
[
5
2
2
.
]
8
.
7
[
7
0
3
.
]
8
.
7
[
7
0
3
.
]
0
1
[
4
9
3
.
]
0
1
[
4
9
3
.
]
7
.
0
1
[
0
2
4
.
]
5
.
1
[
0
6
0
.
]
7
.
1
[
7
6
0
.
]
2
[
0
8
0
.
]
2
[
0
8
0
.
]
5
.
2
[
0
0
1
.
]
5
.
2
[
0
0
1
.
]
8
.
2
[
0
1
1
.
FA012C
Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
RESISTORS CAPACITORS COILS DELAY LINES
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
99
P/N DESIGNATION:
PIC1
- 1R8 - M T W
Tolerance Code: M=20%, W=15% K=10%, J=5%
Packaging: T= Tape & Reel
Inductance (uH): 2 signif. digits & multiplier
(R68= .68uH, 1R0=1uH, 100=10uH, 101=100uH, 102=1000uH)
Option Codes: ER, 63, etc (leave blank if std)
RCD Type
Termination: W= Pb-free (std), Q= SnPb (leave blank if either is acceptable)
RoHS
Term.W is
RoHS
compliant
& 260°C
compatible


Similar Part No. - PIC1-R68-WT

ManufacturerPart #DatasheetDescription
logo
SELEC Controls Pvt. Ltd
PIC1000N SELEC-PIC1000N Datasheet
951Kb / 2P
Advanced Process Indicator
PIC1000N-A SELEC-PIC1000N-A Datasheet
951Kb / 2P
Advanced Process Indicator
PIC1000N-A-24V SELEC-PIC1000N-A-24V Datasheet
951Kb / 2P
Advanced Process Indicator
PIC1000N-D-2 SELEC-PIC1000N-D-2 Datasheet
951Kb / 2P
Advanced Process Indicator
PIC1000N-D-2-24V SELEC-PIC1000N-D-2-24V Datasheet
951Kb / 2P
Advanced Process Indicator
More results

Similar Description - PIC1-R68-WT

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0804T-1R0M ABRACON-ASPI-0804T-1R0M Datasheet
182Kb / 1P
SURFACE-MOUNT POWER INDUCTORS
logo
ice Components, Ins.
GS43-1R0 ICE-GS43-1R0 Datasheet
783Kb / 3P
Surface Mount Power Inductors
LO3316 ICE-LO3316 Datasheet
408Kb / 1P
Surface Mount Power Inductors
LS125 ICE-LS125 Datasheet
567Kb / 1P
Surface Mount Power Inductors
GS43-1R0 ICE-GS43-1R0_08 Datasheet
136Kb / 3P
Surface Mount Power Inductors
LO1608 ICE-LO1608_08 Datasheet
174Kb / 1P
Surface Mount Power Inductors
LS74 ICE-LS74_08 Datasheet
218Kb / 1P
Surface Mount Power Inductors
LS1608 ICE-LS1608_08 Datasheet
174Kb / 1P
Surface Mount Power Inductors
logo
TT Electronics.
HM62-2610 TTELEC-HM62-2610 Datasheet
1Mb / 8P
Surface Mount Power Inductors
logo
RENCO ELECTRONICS, INC.
RL-6280 RENCO-RL-6280 Datasheet
410Kb / 6P
SURFACE MOUNT POWER INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com