Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CEA10-R50-K050 Datasheet(PDF) 1 Page - RCD COMPONENTS INC.

Part # CEA10-R50-K050
Description  AXIAL LEAD CERAMIC CAPACITORS MULTILAYER CERAGOLDTM CONSTRUCTION
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RCD [RCD COMPONENTS INC.]
Direct Link  http://www.rcdcomponents.com
Logo RCD - RCD COMPONENTS INC.

CEA10-R50-K050 Datasheet(HTML) 1 Page - RCD COMPONENTS INC.

  CEA10-R50-K050 Datasheet HTML 1Page - RCD COMPONENTS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AXIAL LEAD CERAMIC CAPACITORS
MULTILAYER CERAGOLDTM CONSTRUCTION
Conformal coated, miniature sizes, 0.3pF - 2.2uF
Wide range of capacitance, tolerance, TC, and voltage
C0G (NP0), X7R, Z5U and Y5V temperature coefficients
Popular values available from stock
CEA SERIES
INCH [mm]
DIELECTRIC CHARACTERISTICS (typical)
D
C
R
e
p
y
T
C
D
V
W
1
E
G
N
A
R
E
C
N
A
T
I
C
A
P
A
C
L
)
x
a
M
,
h
t
g
n
e
L
y
d
o
B
(
D
)
x
a
M
,
r
e
t
e
m
a
i
D
y
d
o
B
(
d
)
a
i
D
d
a
e
L
(
)
O
P
N
(
G
0
CR
7
XV
5
Y
/
U
5
Z
2
5
0
A
E
C
5
2
0
5
0
0
1
F
p
0
0
0
1
-
3
.
0
F
p
0
0
0
1
-
3
.
0
F
p
0
2
8
-
5
.
0
F
u
5
1
.
0
-
F
p
0
0
1
F
u
0
1
.
0
-
F
p
0
0
1
F
u
1
0
.
0
-
F
p
0
0
1
F
u
0
.
1
-
F
p
0
0
0
1
F
u
7
4
.
0
-
F
p
0
0
0
1
F
u
8
6
0
.
0
-
F
p
0
0
0
1
0
5
1
.
0
]
8
.
3
[
0
0
1
.
]
4
5
.
2
[
3
0
0
.
±
8
1
0
]
8
0
.
±
5
4
.
0
[
0
1
A
E
C
5
2
0
5
0
0
1
F
p
0
0
7
2
-
5
.
0
F
p
0
0
2
2
-
5
.
0
F
p
0
0
0
1
-
5
.
0
F
u
2
2
.
0
-
F
p
0
0
1
F
u
0
1
.
0
-
F
p
0
0
1
F
u
3
3
0
.
0
-
F
p
0
0
1
F
u
2
.
1
-
F
p
0
0
0
1
F
u
0
.
1
-
F
p
0
0
0
1
F
u
0
1
.
0
-
F
p
0
0
0
1
0
7
1
.
0
]
2
3
.
4
[
0
0
1
.
]
4
5
.
2
[
3
0
0
.
±
8
1
0
.
]
8
0
.
±
5
4
.
0
[
2
1
A
E
C
5
2
0
5
0
0
1
F
p
0
0
6
5
-
5
.
0
F
p
0
0
7
4
-
5
.
0
F
p
0
0
3
3
-
5
.
0
F
u
0
.
1
-
F
p
0
0
1
F
u
7
4
.
0
-
F
p
0
0
1
F
u
0
1
.
0
-
F
p
0
0
1
F
u
2
.
2
-
F
p
0
0
0
1
F
u
0
.
1
-
F
p
0
0
0
1
F
u
0
1
.
0
-
F
p
0
0
0
1
0
0
2
.
0
]
1
.
5
[
8
1
1
.
]
0
.
3
[
3
0
0
.
±
8
1
0
.
]
8
0
.
±
5
4
.
0
[
M
E
T
I)
O
P
N
(
G
O
CR
7
X)
U
5
Z
(
V
5
Y
2
s
e
u
l
a
v
2
1
E
,
e
g
n
a
R
.
p
a
CF
p
0
0
6
,
5
-
F
p
3
.
0F
u
1
-
F
p
0
0
1F
u
2
.
2
-
F
p
0
0
0
,
1
e
c
n
a
r
e
l
o
T
e
c
n
a
t
i
c
a
p
a
C
)
d
t
s
(
F
p
5
.
,
F
p
5
2
.
,
F
p
1
.
±
:
F
p
0
1
<
≥
%
0
1
±
,
)
d
t
s
(
%
5
±
,
%
2
±
,
%
1
±
:
F
p
0
1
,
)
d
t
s
(
%
0
1
±
,
%
5
±
%
0
2
±
%
0
2
-
/
0
8
+
,
)
d
t
s
(
%
0
2
±
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
a
r
e
p
OC
°
5
2
1
+
o
t
C
°
5
5
-C
°
5
2
1
+
o
t
C
°
5
5
-C
°
5
8
+
o
t
C
°
0
3
-
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
e
r
u
t
a
r
e
p
m
e
TC
°
/
m
p
p
0
3
±
0
3
e
g
n
a
r
p
m
e
t
.
p
o
r
e
v
o
x
a
m
%
5
1
±
)
%
6
5
-
/
%
2
2
+
(
%
2
8
-
/
%
2
2
+
e
g
n
a
r
p
m
e
t
g
n
i
t
a
r
e
p
o
r
e
v
o
x
a
m
)
r
h
e
d
a
c
e
d
/
s
s
o
l
p
a
c
(
g
n
i
g
Ae
l
b
i
g
il
g
e
n%
2%
7
(
f
e
o
C
e
g
a
tl
o
V
∆
)
V
x
a
m
@
Ce
l
b
i
g
il
g
e
np
y
t
%
0
1
+
o
t
%
0
5
-p
y
t
%
0
2
+
o
t
%
0
8
-
)
z
H
K
1
(
r
o
t
c
a
F
n
o
i
t
a
p
i
s
s
i
D
)
C
°
5
2
1
+
&
C
°
5
2
+
(
%
5
1
.
0
F
p
0
0
0
1
<
s
e
u
l
a
v
r
o
f
z
H
M
1
,
S
M
R
V
0
.
1
S
M
R
V
1
,
.
x
a
M
%
5
.
2S
M
R
V
5
.
0
.
x
a
M
%
0
.
4
C
°
5
2
e
c
n
a
t
s
i
s
e
R
n
o
i
t
a
l
u
s
n
I
)
2
0
3
-
D
O
H
T
E
M
-
2
0
2
-
D
T
S
-
L
I
M
(
G
0
0
1
Ω
M
0
0
0
1
r
o
Ω-F
u
s
s
e
l
s
i
r
e
v
e
h
c
i
h
w
G
0
0
1
Ω
M
0
0
0
1
r
o
Ω-F
u
s
s
e
l
s
i
r
e
v
e
h
c
i
h
w
G
0
1
Ω
M
0
0
0
1
r
o
Ω-F
u
s
s
e
l
s
i
r
e
v
e
h
c
i
h
w
h
t
g
n
e
r
t
S
c
i
r
t
c
e
l
e
i
DC
D
V
d
e
t
a
r
x
5
.
2C
D
V
d
e
t
a
r
x
5
.
2C
D
V
d
e
t
a
r
x
5
.
2
)
s
r
u
o
h
0
0
0
1
(
t
s
e
T
e
f
i
L
C
°
5
2
1
+
@
e
g
a
tl
o
v
d
e
t
a
r
x
2
∆
g
i
w
F
p
5
2
.
0
r
o
%
3
<
C
C
°
5
2
1
+
t
a
e
g
a
tl
o
v
d
e
t
a
r
x
2
∆
%
0
2
<
C
C
°
5
8
+
t
a
e
g
a
tl
o
v
d
e
t
a
r
x
5
.
1
∆
%
0
3
<
C
FA080A Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
RoHS
Term.W is
RoHS
compliant
& 260°C
compatible
RCD’s CEA Series features CeragoldTM high-density multi-
layer construction enabling an expanded range of values.
Bodies are insulated with a proprietary flame retardant epoxy
coating for superior environmental protection and dielectric
strength. Non-standard values, increased voltage ratings,
custom marking, military screening, cut & formed leads, etc.,
are available. Matched sets and networks also available.
Custom components are an RCD specialty!
Footnotes:
1 Expanded range available, consult factory
2 Y5V is standard, Z5U is avail. (Y5V & Z5U are considered interchangeable)
3
±60ppm <10pF
L
D
← →
↓
↑
d
↓
↑
←1.0[25.4]min→
SPECIFICATIONS
Cut & Forming
Wide range of styles and sizes available... horizontal,
vertical mount, snap-in kinks, etc. Consult factory.
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
89
RESISTORS CAPACITORS COILS DELAY LINES
CEA10
- 102 - J 101 G T W
P/N DESIGNATION:
Option Code: (leave blank if standard)
RCD Type
Capacitance Code 2 significant digits & multiplier:
R50=0.5pF, 1R0=1pF, 100=10pF, 101=100pF, 102=1000pF,
103=.01uF (10,000pF), 104=.1uF(100,000pF), 105=1uF
Tolerance: F=1%, G=2%, J=5%, K=10%, M=20%,
Z=+80%/-20%, B=±0.1pF, C=±0.25pF, D=±0.5pF
Packaging: B=Bulk, A=Ammo, T=Tape & Reel (5K pcs/reel typ)
Voltage Code: 025=25V, 050=50V, 101=100V, 201=200V
Dielectric: G=COG(NPO), R=X7R, V=Y5V (U=Z5U)
Termination: W= Lead-free, Q= Tin/Lead
(leave blank if either is acceptable)


Similar Part No. - CEA10-R50-K050

ManufacturerPart #DatasheetDescription
logo
Dubilier
CEA10016 DUBILIER-CEA10016 Datasheet
143Kb / 2P
ALUMINIUM AXIAL CEA
CEA10016TR DUBILIER-CEA10016TR Datasheet
143Kb / 2P
ALUMINIUM AXIAL CEA
More results

Similar Description - CEA10-R50-K050

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C315C109D1G5TA KEMET-C315C109D1G5TA Datasheet
233Kb / 11P
MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
logo
RCD COMPONENTS INC.
CER15-R47-F RCD-CER15-R47-F Datasheet
51Kb / 1P
RADIAL LEAD CERAMIC CAPACITORS MULTILAYER CERAGOLDTM CONSTRUCTION
logo
Kemet Corporation
C322C104K5R5TA7301 KEMET-C322C104K5R5TA7301 Datasheet
971Kb / 16P
MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C333C105M5U5TA KEMET-C333C105M5U5TA Datasheet
900Kb / 16P
MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C317C104M5U5TA KEMET-C317C104M5U5TA Datasheet
234Kb / 11P
MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
logo
NIC-Components Corp.
NCMA NIC-NCMA Datasheet
72Kb / 2P
Axial Multilayer Ceramic Capacitors
logo
Kemet Corporation
C322C222J1G5CA KEMET-C322C222J1G5CA Datasheet
971Kb / 16P
MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C340C104K2R5CA KEMET-C340C104K2R5CA Datasheet
900Kb / 16P
MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C410C105K3R5TA9170 KEMET-C410C105K3R5TA9170 Datasheet
2Mb / 12P
Axial Leaded Multilayer Ceramic Capacitors
C410C472J5G5TA7200 KEMET-C410C472J5G5TA7200 Datasheet
2Mb / 15P
Axial Leaded Multilayer Ceramic Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com