Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM7744DEV Datasheet(PDF) 4 Page - Pletronics, Inc.

Part # SM7744DEV
Description  3.3 V CMOS Clock Oscillators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

SM7744DEV Datasheet(HTML) 4 Page - Pletronics, Inc.

  SM7744DEV Datasheet HTML 1Page - Pletronics, Inc. SM7744DEV Datasheet HTML 2Page - Pletronics, Inc. SM7744DEV Datasheet HTML 3Page - Pletronics, Inc. SM7744DEV Datasheet HTML 4Page - Pletronics, Inc. SM7744DEV Datasheet HTML 5Page - Pletronics, Inc. SM7744DEV Datasheet HTML 6Page - Pletronics, Inc. SM7744DEV Datasheet HTML 7Page - Pletronics, Inc. SM7744DEV Datasheet HTML 8Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SM77D Series 3.3 V
CMOS Clock Oscillators
Feb 2008
www.pletronics.com
425-776-1880
4
Electrical Specification for 3.30V +
_10% over the specified temperature range
Item
Min
Typ
Max
Unit
Condition
V
OUT High (VOH)2.5
2.7
-
V
V
CC = 2.97V, IOH = +8 mA
V
OUT Low (VOL)-
0.3
0.4
V
V
CC = 2.97V, IOL = -8 mA
Output T
RISE and TFALL
-
0.8
1.5
nS
>130 MHz
C
LOAD = 15 pF
10% to 90% of V
CC
See Load Circuit
-
1.0
2.0
nS
>110 MHz and < 130 MHz
-
1.2
2.5
nS
>80 MHz and < 110 MHz
-2.0
3.0
nS
< 80 MHz
-
1.2
2.0
nS
>130 MHz
C
LOAD =30 pF
10% to 90% of V
CC
See Load Circuit
-
1.3
2.5
nS
>110 MHz and < 130 MHz
-
1.4
3.0
nS
>80 MHz and < 110 MHz
-2.0
4.0
nS
< 80 MHz
-
2.1
3.5
nS
>110 MHz and < 130 MHz
C
LOAD = 50 pF
10% to 90% of V
CC
See Load Circuit
-
2.1
4.5
nS
>80 MHz and < 110 MHz
-3.0
5.0
nS
< 80 MHz
V
CC Supply Current
(I
CC)
-
30
70
mA
>130 MHz
C
LOAD = 15 pF
-
25
60
mA
>110 MHz and < 130 MHz
-
20
50
mA
>80 MHz and < 110 MHz
-18
40
mA
< 80 MHz
-
40
90
mA
>130 MHz
C
LOAD = 30 pF
-
32
70
mA
>110 MHz and < 130 MHz
-
26
57
mA
>80 MHz and < 110 MHz
-22
45
mA
< 80 MHz
-
44
80
mA
>110 MHz and < 130 MHz
C
LOAD = 50 pF
-
34
65
mA
>80 MHz and < 110 MHz
-29
50
mA
< 80 MHz
Specifications with Pad 1 E/D open circuit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com