Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBZ5259B Datasheet(PDF) 1 Page - Dc Components

Part # MMBZ5259B
Description  TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON ZENER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

MMBZ5259B Datasheet(HTML) 1 Page - Dc Components

  MMBZ5259B Datasheet HTML 1Page - Dc Components MMBZ5259B Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
MMBZ5221B
THRU
MMBZ5259B
Dimensions in inches(millimeters)
RECTIFIER SPECIALISTS
R
DC COMPONENTS CO., LTD.
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON ZENER DIODES
FEATURES
* Planar Die construction
MECHANICAL DATA
* Case: Molded Plastic
* Mounting position: Any
* Weight: 0.008 gram Approx.
* Zener Voltages from 2.4V - 39V
* 500mW Power Dissipation
* Ideally Suited for Automated Assembly Processes
* Terminals:Solder plated, solderable per
MIL-STD-202, Method 208
* Polarity: See Diagram Below
SYMBOL
VALUE
UNITS
Zener Current see Table "Characteristics"
Power Dissipation (Notes 1) at Tamb=25oC
Ptot
500
mW
Peak Forward Surge Current, 8.3ms single half sine-wave
IFSM
superimposed on rated load (JEDEC Method) (Notes 2)
4.0
Amps
Maximum Forward Voltage at IF=100mA
VF
1.2
Volts
Operating and Storage Temperature
TJ,Tstg
-55 to + 150
o
C
Notes: 1. Mounted on 5.0mm2 (.013mm thick) land areas.
2. Measured on 8.3ms, single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
SOT-23
.091(2.30)
.067(1.70)
.063(1.60)
.055(1.40)
.108(0.65)
.089(0.25)
.045(1.15)
.034(0.85)
.118(3.00)
.110(2.80)
.020(0.50)
.012(0.30)
.0043(0.11)
.0035(0.09)
.004
(0.10)
.051(1.30)
.035(0.90)
.026(0.65)
.010(0.25)
Max
.027(0.67)
.013(0.32)


Similar Part No. - MMBZ5259B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBZ5259B PANJIT-MMBZ5259B Datasheet
132Kb / 5P
SURFACE MOUNT SILICON ZENER DIODES
logo
Diodes Incorporated
MMBZ5259B DIODES-MMBZ5259B Datasheet
66Kb / 3P
350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 7 - 2
logo
Micro Commercial Compon...
MMBZ5259B MCC-MMBZ5259B Datasheet
617Kb / 4P
410 mW Zener Diode 2.4 to 39 Volts
logo
Taiwan Semiconductor Co...
MMBZ5259B TSC-MMBZ5259B Datasheet
39Kb / 3P
Surface Mount Zener Diode
logo
Weitron Technology
MMBZ5259B WEITRON-MMBZ5259B Datasheet
268Kb / 5P
Surface Mount Zener Diodes
More results

Similar Description - MMBZ5259B

ManufacturerPart #DatasheetDescription
logo
Dc Components
BZX55C2V4 DCCOM-BZX55C2V4 Datasheet
199Kb / 2P
TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
DL4728A DCCOM-DL4728A Datasheet
188Kb / 2P
TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
BZM55C2V4 DCCOM-BZM55C2V4 Datasheet
245Kb / 2P
TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
BZT52C2V4 DCCOM-BZT52C2V4 Datasheet
233Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT ZENER DIODES
BZT52C2V4S DCCOM-BZT52C2V4S Datasheet
246Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT ZENER DIODES
BZX84C2V4 DCCOM-BZX84C2V4 Datasheet
243Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT ZENER DIODES
BZX84C2V4W DCCOM-BZX84C2V4W Datasheet
238Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT ZENER DIODES
MMBZ5221BW DCCOM-MMBZ5221BW Datasheet
241Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON ZENER DIODES
MMSZ5221B DCCOM-MMSZ5221B Datasheet
234Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON ZENER DIODES
MMSZ5221BS DCCOM-MMSZ5221BS Datasheet
245Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com