Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MOC3021 Datasheet(PDF) 1 Page - Texas Instruments

Part # MOC3021
Description  OPTOCOUPLERS/OPTOISOLATORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MOC3021 Datasheet(HTML) 1 Page - Texas Instruments

  MOC3021 Datasheet HTML 1Page - Texas Instruments MOC3021 Datasheet HTML 2Page - Texas Instruments MOC3021 Datasheet HTML 3Page - Texas Instruments MOC3021 Datasheet HTML 4Page - Texas Instruments MOC3021 Datasheet HTML 5Page - Texas Instruments MOC3021 Datasheet HTML 6Page - Texas Instruments MOC3021 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
2
3
6
5
4
ANODE
CATHODE
NC
MAIN TERM
TRIAC SUB
MAIN TERM
MOC3020 – MOC3023 ...PACKAGE
(TOP VIEW)
NC – No internal connection
† Do not connect this terminal
logic diagram
6
4
1
2
MOC3020 THRU MOC3023
OPTOCOUPLERS/OPTOISOLATORS
SOES025 – OCTOBER 1986 – REVISED OCTOBER 1995
Copyright
© 1995, Texas Instruments Incorporated
7–1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
250 V Phototriac Driver Output
Gallium-Arsenide-Diode Infrared Source and
Optically-Coupled Silicon Traic Driver
(Bilateral Switch)
UL Recognized
File Number E65085
. . .
High Isolation
7500 V Peak
. . .
Output Driver Designed for 220 V ac
Standard 6-Terminal Plastic DIP
Directly Interchangeable with
Motorola MOC3020, MOC3021, MOC3022,
and MOC3023
Direct Replacements for:
– TRW Optron OPI3020, OPI3021,
OPI3022, and OPI3023;
– General Instrument MCP3020,
MCP3021, and MCP3022;
– General Electric GE3020,
GE3021, GE3022, and GE3023
absolute maximum ratings at 25
°C free-air temperature (unless otherwise noted)
Input-to-output peak voltage, 5 s maximum duration, 60 Hz (see Note 1)
7.5 kV
. . . . . . . . . . . . . . . . . . . . . . . .
Input diode reverse voltage
3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input diode forward current, continuous
50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output repetitive peak off-state voltage
400 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output on-state current, total rms value (50-60 Hz, full sine wave): TA = 25°C
100 mA
. . . . . . . . . . . . . . . . . . .
TA = 70°C
50 mA
. . . . . . . . . . . . . . . . . . . .
Output driver nonrepetitive peak on-state current (tw = 10 ms, duty cycle = 10%, see Figure 7)
1.2 A
. . . . . .
Continuous power dissipation at (or below) 25
°C free-air temperature:
Infrared-emitting diode (see Note 2)
100 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Phototriac (see Note 3)
300 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total device (see Note 4)
330 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating junction temperature range, TJ
–40
°C to 100°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–40
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. Input-to-output peak voltage is the internal device dielectric breakdown rating.
2. Derate linearly to 100
°C free-air temperature at the rate of 1.33 mW/°C.
3. Derate linearly to 100
°C free-air temperature at the rate of 4 mW/°C.
4. Derate linearly to 100
°C free-air temperature at the rate of 4.4 mW/°C.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - MOC3021

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MOC3021 MOTOROLA-MOC3021 Datasheet
299Kb / 6P
6-Pin DIP Random-Phase Optoisolators Triac Driver Output
logo
QT Optoelectronics
MOC3021 QT-MOC3021 Datasheet
307Kb / 3P
non-zero-crossing triacs
logo
Fairchild Semiconductor
MOC3021 FAIRCHILD-MOC3021 Datasheet
111Kb / 10P
6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3021 FAIRCHILD-MOC3021 Datasheet
176Kb / 7P
6-Pin DIP Random-phase Optoisolators Triac Driver Output
logo
ISOCOM COMPONENTS
MOC3021 ISOCOM-MOC3021 Datasheet
67Kb / 3P
OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
More results

Similar Description - MOC3021

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
CNC7S101 PANASONIC-CNC7S101 Datasheet
92Kb / 4P
Optoisolators
logo
Texas Instruments
HCPL2530 TI-HCPL2530 Datasheet
582Kb / 12P
OPTOCOUPLERS/OPTOISOLATORS
HCPL4502 TI-HCPL4502 Datasheet
155Kb / 1P
OPTOCOUPLERS/OPTOISOLATORS
TIL3020 TI-TIL3020 Datasheet
94Kb / 7P
OPTOCOUPLERS/OPTOISOLATORS
TIL917 TI-TIL917 Datasheet
119Kb / 7P
SINGLE/DUAL/QUAD CHANNEL OPTOCOUPLERS/OPTOISOLATORS
TIL3009 TI-TIL3009 Datasheet
104Kb / 7P
OPTOCOUPLERS/OPTOISOLATORS
TIL187-1 TI-TIL187-1 Datasheet
312Kb / 9P
AC-INPUT OPTOCOUPLERS/OPTOISOLATORS
TIL189-1 TI-TIL189-1 Datasheet
305Kb / 9P
OPTOCOUPLERS/OPTOISOLATORS
MOC3009 TI-MOC3009 Datasheet
96Kb / 7P
OPTOCOUPLERS/OPTOISOLATORS
TIL923 TI-TIL923 Datasheet
146Kb / 8P
SINGLE/DUAL/QUAD CHANNEL OPTOCOUPLERS/OPTOISOLATORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com